Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 4 Page - Analog Devices

  LTC6602 Datasheet HTML 1Page - Analog Devices LTC6602 Datasheet HTML 2Page - Analog Devices LTC6602 Datasheet HTML 3Page - Analog Devices LTC6602 Datasheet HTML 4Page - Analog Devices LTC6602 Datasheet HTML 5Page - Analog Devices LTC6602 Datasheet HTML 6Page - Analog Devices LTC6602 Datasheet HTML 7Page - Analog Devices LTC6602 Datasheet HTML 8Page - Analog Devices LTC6602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LTC6601-2
4
66012f
DC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V– = 0V, VINCM = VOCM = mid-supply, BIAS tied to V+ or floating,
ILOAD = 0, RBAL = 100k. The filter is configured for a gain of 1 unless otherwise noted. VS is defined as (V+ – V–). VOUTCM is defined as
(VOUT+ + VOUT–)/2. VINCM is defined as (VINP + VINM)/2. VOUTDIFF is defined as (VOUT+ – VOUT–). VINDIFF is defined as (VINP – VINM). See
Figure 1.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage, High, Either Output Pin
(Note 11)
VS = 3V, IL = 0mA,
BIAS Pin Floating
VS = 3V, IL = –5mA, BIAS Pin Floating
VS = 3V, IL = –20mA, BIAS Pin Floating
VS = 5V, IL = 0mA,
BIAS Pin Floating
VS = 5V, IL = –5mA, BIAS Pin Floating
VS = 5V, IL = –20mA, BIAS Pin Floating
l
l
l
l
l
l
240
290
470
370
430
650
450
525
850
675
775
1100
mV
mV
mV
mV
mV
mV
VS = 3V, IL = 0mA
BIAS = V+
VS = 3V, IL = –5mA BIAS = V+
VS = 3V, IL = –20mA BIAS = V+
VS = 5V, IL = 0mA
BIAS = V+
VS = 5V, IL = –5mA BIAS = V+
VS = 5V, IL = –20mA BIAS = V+
l
l
l
l
l
l
245
285
415
350
390
550
450
525
750
625
700
1000
mV
mV
mV
mV
mV
mV
Output Voltage, Low, Either Output Pin
(Note 11)
VS = 3V, IL = 0mA, BIAS Pin Floating
VS = 3V, IL = 5mA, BIAS Pin Floating
VS = 3V, IL = 20mA, BIAS Pin Floating
VS = 5V, IL = 0mA, BIAS Pin Floating
VS = 5V, IL = 5mA, BIAS Pin Floating
VS = 5V, IL = 20mA, BIAS Pin Floating
l
l
l
l
l
l
110
120
170
150
170
225
200
225
300
270
300
400
mV
mV
mV
mV
mV
mV
VS = 3V, IL = 0mA
BIAS = V+
VS = 3V, IL = 5mA
BIAS = V+
VS = 3V, IL = 20mA BIAS = V+
VS = 5V, IL = 0mA
BIAS = V+
VS = 5V, IL = 5mA
BIAS = V+
VS = 5V, IL = 20mA BIAS = V+
l
l
l
l
l
l
120
135
195
175
200
270
225
250
350
325
360
475
mV
mV
mV
mV
mV
mV
ISC
Output Short-Circuit Current,
Either Output Pin (Note 12)
VS = 3V
VS = 5V
l
l
±45
±60
±65
±90
mA
mA
VS
Supply Voltage Range
l
2.7
5.25
V
IS
Supply Current, BIAS Pin Floating
VS = 2.7V
VS = 3V
VS = 5V
l
l
l
15.8
16
16.7
23
23.5
24.5
mA
mA
mA
Supply Current, BIAS Pin Tied to V+
VS = 2.7V
VS = 3V
VS = 5V
l
l
l
32
32.2
33
41
41.5
43
mA
mA
mA
ISHDN
Supply Current, BIAS Pin Tied to V–
VS = 2.7V
VS = 3V
VS = 5V
l
l
l
0.4
0.45
0.65
1
1.1
1.8
mA
mA
mA
VBIASSD
BIAS Input Pin Range for Shutdown
VS = 2.7V to 5V
l
V–
V– + 0.4
V
VBIASLP (Note 13)
BIAS Input for Low Power Operation
VS = 2.7V to 5V
l V– + 1.0
V– + 1.5
V
VBIASHP
BIAS Input for High Performance Operation
VS = 2.7V to 5V
l V– + 2.3
V+
V
RBIAS
BIAS Input Resistance
VS = 2.7V to 5V
l
100
150
200
kΩ
VBIAS
BIAS Float Voltage
VS = 2.7V to 5V
l V– + 1.05
V– +
1.15
V– + 1.25
V
tON
Turn-On Time
VS = 3V, VSHDN = 0.25V to 3V
400
ns
tOFF
Turn-Off Time
VS = 3V, VSHDN = 3V to 0.25V
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com