Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 18Page - Analog Devices LTC6602 Datasheet HTML 19Page - Analog Devices LTC6602 Datasheet HTML 20Page - Analog Devices LTC6602 Datasheet HTML 21Page - Analog Devices LTC6602 Datasheet HTML 22Page - Analog Devices LTC6602 Datasheet HTML 23Page - Analog Devices LTC6602 Datasheet HTML 24Page - Analog Devices LTC6602 Datasheet HTML 25Page - Analog Devices LTC6602 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LTC6601-2
22
66012f
APPLICATIONS INFORMATION
A GALLERY OF BASIC FILTER TOPOLOGIES
Tables 2 through 10 list (sorted by Gain) a hundred possible
filter topologies that can be easily implemented with the
LTC6601. The tables also list the LTC6601-2 approximate
midband (1MHz) spot noise ein referred to the input re-
sistor, R1 (with the BIAS pin pulled to V+). The gains for
these topologies range from 1V/V to 7V/V. The Qs listed
are within the range of 0.54 and 1.72. The fOs listed are
in the range of 6.96MHz and 22.71MHz, and the –3dB
frequencies listed range from 5.5MHz to 27.5MHz. For
all filters listed, R3 = 125Ω. Figures 7 to 10 show how to
pin-strap each filter configuration.
Table 2. Gain of 7 Filter Configurations
GAIN
fO (MHz)
f–3dB (MHz)
Q
R1 (Ω)
R2 (Ω)
C1 (pF)
C2 (pF)
ein
(nV/√Hz)
V/V
dB
7.0
16.902
10.38
7.43
0.539
57.14
400.00
48.2
97.6
6.1
7.0
16.902
9.57
10.36
0.771
57.14
400.00
48.2
114.8
6.1
7.0
16.902
8.96
12.10
1.175
57.14
400.00
48.2
130.9
6.1
7.0
16.902
8.12
7.49
0.656
57.14
400.00
58.75
130.9
6.1
Table 3. Gain of 6 Filter Configurations
GAIN
fO (MHz)
f–3dB (MHz)
Q
R1 (Ω)R2 (Ω)C1 (pF)
C2 (pF)
ein
(nV/√Hz)
V/V
dB
6.0
15.563
10.38
10.03
0.684
66.67
400.00
48.2
97.6
6.2
6.0
15.563
9.57
12.52
1.071
66.67
400.00
48.2
114.8
6.2
6.0
15.563
8.67
7.67
0.634
66.67
400.00
58.75
114.8
6.2
6.0
15.563
8.12
9.59
0.870
66.67
400.00
58.75
130.9
6.2
6.0
15.563
7.47
6.07
0.592
66.67
400.00
69.3
130.9
6.2
Table 4. Gain of 5 Filter Configurations
GAIN
fo (MHz)
f–3dB (MHz)
Q
R1 (Ω)R2 (Ω)
C1 (pF)
C2 (pF)
ein
nV/√Hz
V/V
dB
5.0
13.979
11.36
9.67
0.614
80.00
400.00
48.2
81.5
6.5
5.0
13.979
10.38
12.78
0.936
80.00
400.00
48.2
97.6
6.5
5.0
13.979
9.40
7.67
0.594
80.00
400.00
58.75
97.6
6.5
5.0
13.979
8.67
10.07
0.849
80.00
400.00
58.75
114.8
6.5
5.0
13.979
8.12
11.25
1.290
80.00
400.00
58.75
130.9
6.5
5.0
13.979
7.98
6.46
0.591
80.00
400.00
69.3
114.8
6.5
5.0
13.979
7.47
8.16
0.779
80.00
400.00
69.3
130.9
6.5
5.0
13.979
6.96
5.50
0.579
80.00
400.00
79.85
130.9
6.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com