Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6602 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC6602
Description  Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6602 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC6602 Datasheet HTML 19Page - Analog Devices LTC6602 Datasheet HTML 20Page - Analog Devices LTC6602 Datasheet HTML 21Page - Analog Devices LTC6602 Datasheet HTML 22Page - Analog Devices LTC6602 Datasheet HTML 23Page - Analog Devices LTC6602 Datasheet HTML 24Page - Analog Devices LTC6602 Datasheet HTML 25Page - Analog Devices LTC6602 Datasheet HTML 26Page - Analog Devices LTC6602 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
LTC6601-2
23
66012f
Table 5. Gain of 4 Filter Configurations
GAIN
fO (MHz)
f–3dB MHz
Q
R1 (Ω)R2 (Ω)
C1 (pF)
C2 (pF)
ein
nV/√Hz
V/V
dB
4.0
12.041
11.36
13.05
0.834
100.00
400.00
48.2
81.5
6.8
4.0
12.041
10.38
14.80
1.480
100.00
400.00
48.2
97.6
6.8
4.0
12.041
9.40
10.47
0.799
100.00
400.00
58.75
97.6
6.8
4.0
12.041
8.67
12.00
1.284
100.00
400.00
58.75
114.8
6.8
4.0
12.041
8.65
6.76
0.575
100.00
400.00
69.3
97.6
6.8
4.0
12.041
7.98
8.84
0.794
100.00
400.00
69.3
114.8
6.8
4.0
12.041
7.43
6.09
0.596
100.00
400.00
79.85
114.8
6.8
4.0
12.041
7.47
10.00
1.141
100.00
400.00
69.3
130.9
6.8
4.0
12.041
6.96
7.57
0.775
100.00
400.00
79.85
130.9
6.8
Table 6. Gain of 3 Filter Configurations
GAIN
fO (MHz)
f–3dB (MHz)
Q
R1 (Ω)
R2 (Ω)
C1 (pF)
C2 (pF)
ein
(nV/√Hz)
V/V
dB
3.0
9.542
16.06
12.36
0.568
66.67
200.00
48.2
81.5
7.1
3.0
9.542
14.68
15.74
0.763
66.67
200.00
48.2
97.6
7.1
3.0
9.542
13.53
17.83
1.091
66.67
200.00
48.2
114.8
7.1
3.0
9.542
13.29
9.88
0.554
66.67
200.00
58.75
97.6
7.1
3.0
9.542
12.26
12.39
0.715
66.67
200.00
58.75
114.8
7.1
3.0
9.542
11.36
15.77
1.300
133.33
400.00
48.2
81.5
7.4
3.0
9.542
11.48
14.07
0.928
66.67
200.00
58.75
130.9
7.1
3.0
9.542
11.29
8.34
0.552
66.67
200.00
69.3
114.8
7.1
3.0
9.542
10.29
11.04
0.763
133.33
400.00
58.75
81.5
7.4
3.0
9.542
10.57
10.06
0.674
66.67
200.00
69.3
130.9
7.1
3.0
9.542
9.40
12.85
1.224
133.33
400.00
58.75
97.6
7.4
3.0
9.542
8.65
9.54
0.788
133.33
400.00
69.3
97.6
7.4
3.0
9.542
8.06
6.69
0.601
133.33
400.00
79.85
97.6
7.4
3.0
9.542
7.98
10.88
1.212
133.33
400.00
69.3
114.8
7.4
3.0
9.542
7.43
8.48
0.825
133.33
400.00
79.85
114.8
7.4
3.0
9.542
6.96
9.40
1.172
133.33
400.00
79.85
130.9
7.4
3.0
9.542
9.85
7.13
0.544
66.67
200.00
79.85
130.9
7.1
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com