Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 102 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 102 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 98Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 99Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 100Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 101Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 102Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 103Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 104Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 105Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 106Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 151 page
background image
GD32H757xx Datasheet
101
Table 4-21. Low power internal clock (LPIRC4M) characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLPIRC4M
High Speed Internal
Oscillator (LPIRC4M)
frequency
VDD = 3.3 V
—
4
—
MHz
ACCLPIRC4M
LPIRC4M oscillator
Frequency accuracy,
Factory-trimmed
VDD = VDDA = 3.3 V,
TJ = -40 °C ~ +85 °C for
grade 6 devices (1)
—
-0.96~
+1.02
—
%
VDD = VDDA = 3.3 V,
TJ = -40 °C ~ +105 °C for
grade 7 devices (1)
—
-1.06~
+1.02
—
%
VDD = VDDA = 3.3 V,
TJ = 25 °C
3.96
—
4.04
MHz
LPIRC4M oscillator
Frequency accuracy,
User trimming step(1)
—
—
0.4
—
%
DLPIRC4M(2)
LPIRC4M oscillator duty
cycle
VDD = VDDA = 3.3 V
45
50
55
%
IDDALPIRC4M(1)
LPIRC4M oscillator
operating current
—
—
30
—
μA
tSULPIRC4M(1)
LPIRC4M oscillator
startup time
—
—
1.64
—
μs
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
Value guaranteed by design, not 100% tested in production.
Table 4-22. Low speed internal clock (IRC32K) characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fIRC32K
Low Speed Internal oscillator
(IRC32K) frequency
VDD = VDDA = 3.3 V,
TJ = -40 °C ~ +85 °C
20
32(1)
40
kHz
tSUIRC32K(2)
IRC32K oscillator startup
time
—
—
50.72
—
μs
(1)
Value guaranteed by design, not 100% tested in production.
(2)
Value guaranteed by characterization, not 100% tested in production.
4.9.
PLL characteristics
Table 4-23. PLL0/1/2 characteristics (wide VCO frequency range)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLLIN(1)
PLL input clock frequency
—
2
—
16
MHz
PLL input clock duty cycle
—
10
—
90
%
fVCO(1)
PLL VCO output clock
frequency
—
100
—
850
MHz
tLOCK(2)
PLL lock time
—
—
200
500
μs
IDD(2)
Current consumption on
VCO freq = 800 MHz
—
1.5
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com