Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 106 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 106 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 102Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 103Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 104Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 105Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 106Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 107Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 108Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 109Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 110Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 151 page
background image
GD32H757xx Datasheet
105
Symbol
Parameter
Conditions
Min
Typ
Max Unit
(IIO = +8 mA)
VDD = 3.6 V
—
3.529
—
High level output
voltage for an IO Pin
(IIO = +20 mA)
VDD = 1.71 V
—
1.423
—
VDD = 3.3 V
—
3.114
—
VDD = 3.6 V
—
3.416
—
VOL
(IO_speed=85MHz)
Low level output
voltage for an IO Pin
(IIO = +8 mA)
VDD = 1.71 V
—
0.139
—
V
VDD = 3.3 V
—
0.083
—
VDD = 3.6 V
—
0.08
—
Low level output
voltage for an IO Pin
(IIO = +20 mA)
VDD = 1.71 V
—
0.404
—
VDD = 3.3 V
—
0.209
—
VDD = 3.6 V
—
0.204
—
VOH
(IO_speed=85MHz)
High level output
voltage for an IO Pin
(IIO = +8 mA)
VDD = 1.71 V
—
1.547
—
VDD = 3.3 V
—
3.197
—
VDD = 3.6 V
—
3.5
—
High level output
voltage for an IO Pin
(IIO = +20 mA)
VDD = 1.71 V
—
1.254
—
VDD = 3.3 V
—
3.037
—
VDD = 3.6 V
—
3.342
—
VOL
(IO_speed=60MHz)
Low level output
voltage for an IO Pin
(IIO = +8 mA)
VDD = 1.71 V
—
0.162
—
V
VDD = 3.3 V
—
0.092
—
VDD = 3.6 V
—
0.091
—
Low level output
voltage for an IO Pin
(IIO = +16 mA)
VDD = 1.71 V
—
0.359
—
VDD = 3.3 V
—
0.188
—
VDD = 3.6 V
—
0.184
—
VOH
(IO_speed=60MHz)
High level output
voltage for an IO Pin
(IIO = +8 mA)
VDD = 1.71 V
—
1.523
—
VDD = 3.3 V
—
3.181
—
VDD = 3.6 V
—
3.484
—
High level output
voltage for an IO Pin
(IIO = +16 mA)
VDD = 1.71 V
—
1.298
—
VDD = 3.3 V
—
3.060
—
VDD = 3.6 V
—
3.367
—
VOL
(IO_speed=12MHz)
Low level output
voltage for an IO Pin
(IIO = +1 mA)
VDD = 1.71 V
—
0.052
—
V
VDD = 3.3 V
—
0.029
—
VDD = 3.6 V
—
0.028
—
Low level output
voltage for an IO Pin
(IIO = +4 mA)
VDD = 1.71 V
—
0.235
—
VDD = 3.3 V
—
0.119
—
VDD = 3.6 V
—
0.116
—
VOH
(IO_speed=12MHz)
High level output
voltage for an IO Pin
(IIO = +1 mA)
VDD = 1.71 V
—
1.647
—
V
VDD = 3.3 V
—
3.26
—
VDD = 3.6 V
—
3.562
—
High level output
voltage for an IO Pin
(IIO = +4 mA)
VDD = 1.71 V
—
1.437
—
VDD = 3.3 V
—
3.142
—
VDD = 3.6 V
—
3.451
—
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
All pins except PC13 / PC14 / PC15. Since PC13 to PC15 are supplied through the Power Switch, which can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com