Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 109 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 109 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 105Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 106Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 107Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 108Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 109Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 110Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 111Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 112Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 113Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 151 page
background image
GD32H757xx Datasheet
108
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
1.8 V ≤ VDDA ≤ 2.4 V
1.8 V ≤ VREFP ≤ VDDA
fADC =
36 MHz
SMP
= 3.5
—
—
2.25
Resolution =
10 bits
2.7 V ≤ VDDA ≤ 3.6 V
2.7 V ≤ VREFP ≤ VDDA
fADC =
72 MHz
SMP
= 3.5
—
—
5.14
2.4 V ≤ VDDA ≤ 2.7 V
2.4 V ≤ VREFP ≤ VDDA
fADC =
54 MHz
SMP
= 3.5
—
—
3.85
1.8 V ≤ VDDA ≤ 2.4 V
1.8 V ≤ VREFP ≤ VDDA
fADC =
36 MHz
SMP
= 3.5
—
—
2.57
Resolution =
8 bits
2.7 V ≤ VDDA ≤ 3.6 V
2.7 V ≤ VREFP ≤ VDDA
fADC =
72 MHz
SMP
= 3.5
—
—
6
2.4 V ≤ VDDA ≤ 2.7 V
2.4 V ≤ VREFP ≤ VDDA
fADC =
54 MHz
SMP
= 3.5
—
—
4.5
1.8 V ≤ VDDA ≤ 2.4 V
1.8 V ≤ VREFP ≤ VDDA
fADC =
36 MHz
SMP
= 3.5
—
—
3
tTRIG(1)
External trigger
period
Resolution = 14 bits
—
—
18
1/ fADC
VAIN(1)
Conversion
voltage range
—
0
—
VREFP
V
VCMIV(1)
Common mode
input voltage
—
VREFP/
2-
10%
VREFP/
2
VREFP/
2+10
%
V
RAIN(1)
External input
impedance
Resolution = 14 bits
—
—
84.4
k
Ω
Resolution = 12 bits
—
—
96.5
Resolution = 10 bits
—
—
112
Resolution = 8 bits
—
—
135
RADC(1)
Internal
resistance
—
150
—
Ω
CADC(1)
Input sampling
capacitance
—
—
12
—
pF
tSTAB
ADC Power-up
time
—
1
—
—
μs
tCAL(1)
Offset and
linearity
calibration time
—
TBD
1/fADC
tOFF_ CAL(1)
Offset calibration
time
—
TBD
1/fADC
ts(1)
Sampling time
—
3.5
—
810.5
1/fADC
tCONV(1)
Total conversion
time (including
sampling time)
Resolution = N bits
N+4
—
—
1/fADC
(1)
Value guaranteed by design, not 100% tested in production.
(2)
Depending on the package, VREFP can be internally connected to VDDA and VREFN to VSSA.
(3)
VREFP should always be equal to or less than VDDA, especially during power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com