Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 113 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 113 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 109Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 110Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 111Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 112Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 113Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 114Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 115Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 116Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 117Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 151 page
background image
GD32H757xx Datasheet
112
Symbol
Parameter
Conditions
Min
Typ Max Unit
VAIN
Conversion
voltage
range
—
0
—
VREF
P
V
VCMIV
Common
mode input
voltage
—
VREFP/
2-
10%
VREFP/
2
VREF
P
/2-
10%
RAIN
External
input
impedance
Resolution = 12 bits
—
—
109
k
Ω
Resolution = 10 bits
—
—
128
Resolution = 8 bits
—
—
153
Resolution = 6 bits
—
—
192
RADC
Internal
resistance
—
—
250
—
Ω
CADC
Input
capacitanc
e
—
—
7.5
—
pF
tSTAB
ADC
Power-up
time
—
-
1
—
μs
tOFF_ CAL
Offset
calibration
time
—
46
—
— 1/fADC
ts
Sampling
time
—
2.5
—
640.
5
1/fADC
tCONV
Total
conversion
time
(including
sampling
time)
Resolution = N bits
3+N
—
— 1/ fADC
(1)
Value guaranteed by design, not 100% tested in production.
(2)
Depending on the package, VREFP can be internally connected to VDDA and VREFN to VSSA.
(3)
VREFP should always be equal to or less than VDDA, especially during power up.
Table 4-36. ADC RAIN max for fADC = 80 MHz (12-bit ADC) (1)(2)
Resolution
Sampling cycles @ 80 MHz
RAIN max (kΩ)
12 bits
2.5
0.17
6.5
0.86
12.5
1.89
24.5
3.95
47.5
7.90
92.5
15.6
247.5
42.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com