Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 112 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 112 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 108Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 109Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 110Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 111Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 112Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 113Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 114Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 115Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 116Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 151 page
background image
GD32H757xx Datasheet
111
Symbol
Parameter
Conditions
Min
Typ Max Unit
1.71 V ≤
VREFP ≤
VDDA
Resoluti
on
= 10 bits
2.4
V≤VDDA≤3
.6 V
2.4
V≤VREFP≤
VDDA
–40 °C
≤ TJ ≤
125 °C
fADC = 80
MHz
SMP
= 2.5
—
—
6.1
1.71 V ≤
VDDA ≤
2.4 V
1.71 V ≤
VREFP ≤
VDDA
fADC = 60
MHz
—
—
4.6
Resoluti
on = 8
bits
2.4 V ≤
VDDA ≤
3.6 V
2.4 V ≤
VREFP ≤
VDDA
–40 °C
≤ TJ ≤
125 °C
fADC = 80
MHz
SMP
= 2.5
—
—
7.2
1.71 V ≤
VDDA ≤
2.4 V
1.71 V ≤
VREFP ≤
VDDA
fADC = 60
MHz
—
—
5.4
Resoluti
on = 6
bits
2.4 V ≤
VDDA ≤
3.6 V
2.4 V ≤
VREFP ≤
VDDA
–40 °C
≤ TJ ≤
125 °C
fADC = 80
MHz
SMP
= 2.5
—
—
8.8
1.71 V ≤
VDDA ≤
2.4 V
1.71 V ≤
VREFP ≤
VDDA
fADC = 60
MHz
—
—
6.6
tTRIG(1)
External
trigger
period
Resolution = 12 bits
—
—
15 1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com