Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 110 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 110 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 106Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 107Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 108Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 109Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 110Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 111Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 112Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 113Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 114Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 151 page
background image
GD32H757xx Datasheet
109
Equation 1: RAIN max formula RAIN <
Ts
fADC∗CADC∗ln(2N+2)
− RADC
The formula above Equation 1 is used to determine the maximum external impedance allowed for an
error below 1/4 of LSB. Here N = 14 (from 14-bit resolution).
Table 4-33. ADC RAIN max for fADC = 72 MHz (14-bit ADC) (1)(2)
Resolution
Sampling cycles @ 72 MHz
RAIN max (kΩ)
14 bits
3.5
0.21
6.5
0.52
12.5
1.15
24.5
2.40
47.5
4.80
92.5
9.50
247.5
25.6
810.5
84.4
12 bits
3.5
0.26
6.5
0.62
12.5
1.34
24.5
2.77
47.5
5.51
92.5
10.8
247.5
29.3
810.5
96.5
10 bits
3.5
0.33
6.5
0.75
12.5
1.58
24.5
3.25
47.5
6.45
92.5
12.7
247.5
34.2
810.5
112
8 bits
3.5
0.43
6.5
0.93
12.5
1.93
24.5
3.94
47.5
7.78
92.5
15.2
247.5
41.1
810.5
135
(1)
Value guaranteed by design, not 100% tested in production.
(2)
The RAIN value was calculated by theory and stray capacitance of actual pcb has not been taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com