Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 117 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 117 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 113Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 114Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 115Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 116Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 117Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 118Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 119Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 120Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 121Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 151 page
background image
GD32H757xx Datasheet
116
4.16.
Temperature sensor characteristics
Table 4-45. Temperature sensor characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
TL
VSENSE linearity with temperature
—
±3.5
—
°C
Avg_Slope
Average slope
—
1.84
—
mV/°C
V25
Voltage at TJ = 25 °C
—
0.66
—
V
tS_temp(2)
ADC sampling time when reading the temperature
—
17.1
—
μs
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
Shortest sampling time can be determined in the application by multiple iterations.
Table 4-46. Temperature sensor calibration values
Symbol
Parameter
Memory address
TS_CAL1
Temperature sensor raw data acquired
value at 25 °C,VREFP = 3.3 V
0x1FF0F7C0
TS_CAL2
Temperature sensor raw data acquired
value at -40 °C,VREFP = 3.3 V
0x1FF0F7C2
4.17.
Low power digital temperature sensor characteristics
Table 4-47. Low power digital temperature sensor characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA(2)
Supply voltage
—
1.71
3.3
3.6
V
fDTS(1)
Output Clock frequency
—
626
798
1030
kHz
TLC(1)
Temperature linearity
coefficient
—
1307 2340 2744 Hz/°C
TTOTAL(ERROR)(1)
Temperature offset
measurement
TJ = -40 °C to 25 °C
-6.4
—
2.4
°C
TJ = 25 °C to TJmax
-10.6
—
1.3
tWAKE_UP(2)
Wake-up time from off
state until DTS ready bit
is set
—
—
352
—
μs
ILPDTS(1)
LPDTS consumption
—
—
26
—
μA
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
Value guaranteed by design, not 100% tested in production.
4.18.
Voltage reference buffer characteristics
Table 4-48. Voltage reference buffer characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Supply voltage
Normal
mode,
VDDA =
VREFS = 00
2.8
3.3
3.6
V
VREFS = 01
2.4
—
3.6
VREFS = 10
2.1
—
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com