Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 120 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 120 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 116Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 117Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 118Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 119Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 120Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 121Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 122Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 123Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 124Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 151 page
background image
GD32H757xx Datasheet
119
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Low Hysteresis
7
10
17
Medium Hysteresis
15
20
34
High Hysteresis
23
30
52
(1)
Value guaranteed by design, not 100% tested in production.
(2)
Value guaranteed by characterization, not 100% tested in production.
4.20.
Temperature and VBAT monitoring
Table 4-50. VBAT monitoring characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
—
25
—
kΩ
Q
Ratio on VBAT measurement
—
4
—
—
Er
Error on Q
-10
—
+10
%
tSAMPLE(VBAT)
ADC sampling time when reading VBAT input
10
—
—
μs
VBAT(high)
High supply monitoring
—
3.56
—
V
VBAT(low)
Low supply monitoring
—
1.36
—
(1)
Value guaranteed by design, not 100% tested in production.
Table 4-51. VBAT charging characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RBC
Battery charging resistor
VCRSEL = 0
—
5
—
kΩ
VCRSEL = 1
—
1.5
—
Table 4-52. Temperature monitoring characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
TEMPhigh
High temperature monitoring
—
120
—
°C
TEMPlow
Low temperature monitoring
—
-27
—
(1)
Value guaranteed by design, not 100% tested in production.
4.21.
DAC characteristics
Table 4-53. DAC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Operating voltage
—
1.8
3.3
3.6
V
VREFP
Positive Reference Voltage
—
1.8
—
VDDA
V
VREFN
Negative Reference
Voltage
—
—
VSSA
—
V
RLOAD(1)
Resistive load
Resistive load with
buffer ON
connected
to VSSA
5
—
—
kΩ
connected
to VDDA
5
—
—
Ro(1)
Impedance output
Impedance output with buffer
—
—
15
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com