Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 124 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 124 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 120Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 121Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 122Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 123Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 124Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 125Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 126Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 127Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 128Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 151 page
background image
GD32H757xx Datasheet
123
Figure 4-7. I2C bus timing diagram
70%
30%
tF(SDA)
30%
70%
tR(SDA)
tH(STA)
tSCL(L)
tSCL(H)
tR(SCL)
tF(SCL)
tH(SDA)
tSU(SDA)
SDA
SCL
tBUFF
tSU(STA)
tSU(STO)
70%
70%
30%
70%
70%
Table 4-56. I2C analog filter delay characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tAF
Analog filter delay time
—
50
80
130
ns
(1)
Value guaranteed by design, not 100% tested in production.
4.23.
SPI characteristics
Table 4-57. Standard SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
SCK clock frequency
—
—
—
125
MHz
tSCK(H)
SCK clock high time
—
3
4
5
ns
tSCK(L)
SCK clock low time
—
3
4
5
ns
SPI master mode
tV(MO)
Data output valid time
—
—
1
—
ns
tH(MO)
Data output hold time
—
—
1
—
ns
tSU(MI)
Data input setup time
—
3
—
—
ns
tH(MI)
Data input hold time
—
3
—
—
ns
SPI slave mode
tSU(NSS)
NSS enable setup time
—
2
—
—
ns
tH(NSS)
NSS enable hold time
—
1
—
—
ns
tA(SO)
Data output access time
—
—
13
—
ns
tDIS(SO)
Data output disable time
—
—
1
—
ns
tV(SO)
Data output valid time
—
—
8
—
ns
tH(SO)
Data output hold time
—
—
7
—
ns
tSU(SI)
Data input setup time
—
2
—
—
ns
tH(SI)
Data input hold time
—
2
—
—
ns
(1)
Value guaranteed by characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com