Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 126Page - STMicroelectronics ST7FOXF1 Datasheet HTML 127Page - STMicroelectronics ST7FOXF1 Datasheet HTML 128Page - STMicroelectronics ST7FOXF1 Datasheet HTML 129Page - STMicroelectronics ST7FOXF1 Datasheet HTML 130Page - STMicroelectronics ST7FOXF1 Datasheet HTML 131Page - STMicroelectronics ST7FOXF1 Datasheet HTML 132Page - STMicroelectronics ST7FOXF1 Datasheet HTML 133Page - STMicroelectronics ST7FOXF1 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 226 page
background image
On-chip peripherals
ST7FOXF1, ST7FOXK1, ST7FOXK2
130/226
Note:
There is a locking mechanism for transferring the OCiR value to the buffer. After a write to
the OCiHR register, transfer of the new compare value to the buffer is inhibited until OCiLR
is also written.
Unlike in output compare mode, the compare function is always enabled in PWM mode.
Procedure
To use pulse width modulation mode:
1.
Load the OC2R register with the value corresponding to the period of the signal using
the formula in the opposite column.
2.
Load the OC1R register with the value corresponding to the period of the pulse if
(OLVL1 = 0 and OLVL2 = 1) using Equation 5.
3.
Select the following in the CR1 register:
Using the OLVL1 bit, select the level to be applied to the OCMP1 pin after a successful
comparison with OC1R register.
Using the OLVL2 bit, select the level to be applied to the OCMP1 pin after a successful
comparison with OC2R register.
4.
Select the following in the CR2 register:
Set OC1E bit: the OCMP1 pin is then dedicated to the output compare 1 function.
Set the PWM bit.
Select the timer clock (CC[1:0]) (see: Timer A Control register 2 (TACR2) on page 134).
Figure 68.
Pulse width modulation cycle
If OLVL = 1 and OLVL2 = 0 the length of the positive pulse is the difference between the
OC2R and OC1R registers.
If OLVL1 = OLVL2 a continuous signal is seen on the OCMP1 pin.
counter
OCMP1 = OLVL2
OCMP1 = OLVL1
When
=OC1R
Pulse width modulation cycle
Counter is reset
to FFFCh
ICF1 bit is set
counter
When
= OC2R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com