Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 128Page - STMicroelectronics ST7FOXF1 Datasheet HTML 129Page - STMicroelectronics ST7FOXF1 Datasheet HTML 130Page - STMicroelectronics ST7FOXF1 Datasheet HTML 131Page - STMicroelectronics ST7FOXF1 Datasheet HTML 132Page - STMicroelectronics ST7FOXF1 Datasheet HTML 133Page - STMicroelectronics ST7FOXF1 Datasheet HTML 134Page - STMicroelectronics ST7FOXF1 Datasheet HTML 135Page - STMicroelectronics ST7FOXF1 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 226 page
background image
On-chip peripherals
ST7FOXF1, ST7FOXK1, ST7FOXK2
132/226
10.4.5
Interrupts
10.4.6
Summary of 16-bit timer modes
Table 43.
16-bit timer interrupt control/wakeup capability(1)
1.
The 16-bit timer interrupt events are connected to the same interrupt vector (see Section 7: Interrupts).
These events generate an interrupt if the corresponding enable control bit is set and the interrupt mask in
the CC register is reset (RIM instruction).
Interrupt event
Event
flag
Enable
control bit
Exit from
WAIT
Exit from
HALT
Input capture 1 event/counter reset in PWM mode
ICF1
ICIE
Yes
No
Input capture 2 event
ICF2
Yes
No
Output compare 1 event (not available in PWM mode)
OCF1
OCIE
Yes
No
Output compare 2 event (not available in PWM mode)
OCF2
Yes
No
Timer overflow event
TOF
TOIE
Yes
No
Table 44.
Summary of 16-bit timer modes
Modes
Available resources
Input
capture 1
Input
capture 2
Output
compare 1
Output
compare 2
Input capture (1) and/or (2)
1.
See note 4 in One pulse mode on page 127.
2.
See note 5 in One pulse mode on page 127.
Yes
Yes
Yes
Yes
Output compare (1) and/or (2)
Yes
Yes
Yes
Yes
One pulse mode
No
Not recommended(1)
No
Partially(2)
PWM mode
No
Not recommended(3)
3.
See note 4 in Pulse width modulation mode on page 129.
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com