Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 190 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 190 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 186Page - STMicroelectronics ST7FOXF1 Datasheet HTML 187Page - STMicroelectronics ST7FOXF1 Datasheet HTML 188Page - STMicroelectronics ST7FOXF1 Datasheet HTML 189Page - STMicroelectronics ST7FOXF1 Datasheet HTML 190Page - STMicroelectronics ST7FOXF1 Datasheet HTML 191Page - STMicroelectronics ST7FOXF1 Datasheet HTML 192Page - STMicroelectronics ST7FOXF1 Datasheet HTML 193Page - STMicroelectronics ST7FOXF1 Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 226 page
background image
Electrical characteristics
ST7FOXF1, ST7FOXK1, ST7FOXK2
190/226
12.3
Operating conditions
12.3.1
General operating conditions
TA = -40 to +85 °C unless otherwise specified.
12.3.2
Operating conditions with Low Voltage Detector (LVD)
TA = -40 to 85 °C unless otherwise specified.
,
Table 69.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
fCPU = 8 MHz max.
4.5
5.5
V
fCPU
CPU clock frequency
4.5 V
≤ V
DD≤5.5 V
up to 8
MHz
Table 70.
Operating characteristics with LVD
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
3.9
4.2
4.5
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
3.7
4.0
4.3
Vhys
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
150
mV
VtPOR
VDD rise time rate
(1)(2)
1.
Not tested in production. The VDD rise time rate condition is needed to ensure a correct device power-on
and LVD reset release. When the VDD slope is outside these values, the LVD may not release properly the
reset of the MCU.
2.
Use of LVD with capacitive power supply: with this type of power supply, if power cuts occur in the
application, it is recommended to pull VDD down to 0 V to ensure optimum restart conditions. Refer to
circuit example in Figure 89 on page 207.
2
µs/V
IDD(LVD)
LVD current consumption
VDD = 5 V
80
140
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com