Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXF1 Datasheet(PDF) 193 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 189Page - STMicroelectronics ST7FOXF1 Datasheet HTML 190Page - STMicroelectronics ST7FOXF1 Datasheet HTML 191Page - STMicroelectronics ST7FOXF1 Datasheet HTML 192Page - STMicroelectronics ST7FOXF1 Datasheet HTML 193Page - STMicroelectronics ST7FOXF1 Datasheet HTML 194Page - STMicroelectronics ST7FOXF1 Datasheet HTML 195Page - STMicroelectronics ST7FOXF1 Datasheet HTML 196Page - STMicroelectronics ST7FOXF1 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Electrical characteristics
193/226
12.4.2
On-chip peripherals
Table 73.
On-chip peripheral characteristics
Symbol
Parameter
Conditions
Typ
Unit
IDD(SPI)
SPI supply current(1)
1.
Data based on a differential IDD measurement between reset configuration and a permanent SPI master
communication (data sent equal to 55h).
fCPU=8 MHz
VDD=5.0 V
200
µA
IDD(AT)
12-bit Auto-Reload timer supply current(2)
2.
Data based on a differential IDD measurement between reset configuration (timer stopped) and a timer
running in PWM mode at fcpu= 8 MHz.
fCPU=8 MHz
VDD=5.0 V
50
µA
IDD(I2C)
I2C supply current(3)
3.
Data based on a differential IDD measurement between reset configuration (I
2C disabled) and a permanent
I2C master communication at 100 kHz (data sent equal to 55h). This measurement include the pad
toggling consumption (4.7 kOhm external pull-up on clock and data lines).
fCPU=8 MHz
VDD=5.0 V
1000
µA
IDD(ADC)
ADC supply current when converting(4)
4.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions.
fADC=4 MHz
VDD=5.0 V
600
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com