Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 26Page - Texas Instruments TMS320VC5502 Datasheet HTML 27Page - Texas Instruments TMS320VC5502 Datasheet HTML 28Page - Texas Instruments TMS320VC5502 Datasheet HTML 29Page - Texas Instruments TMS320VC5502 Datasheet HTML 30Page - Texas Instruments TMS320VC5502 Datasheet HTML 31Page - Texas Instruments TMS320VC5502 Datasheet HTML 32Page - Texas Instruments TMS320VC5502 Datasheet HTML 33Page - Texas Instruments TMS320VC5502 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Table 2-4. Signal Descriptions (continued)
PIN
MULTIPLEXED
PIN
OTHER(2)
FUNCTION
NAME
SIGNAL NAME
TYPE(1)
IEEE standard 1149.1 test reset.TRST, when high, gives the IEEE standard
1149.1 scan system control of the operations of the device. If TRST is not
TRST
I
C, L, K
connected or driven low, the device operates in its functional mode, and the IEEE
standard 1149.1 signals are ignored. Pin has an internal pulldown device.
Emulator 0 pin. When TRST is driven low, EMU0 must be high for activation of the
OFF condition. When TRST is driven high, EMU0 is used as an interrupt to or from
the emulator system and is defined as I/O by way of the IEEE standard 1149.1 scan
system.
EMU0
I/O/Z
J
The EMU0 and EMU1/OFF pins must be pulled up when an emulator is not
connected. Internal pullups have been included for the purpose. If the user chooses
to disable these pullups through the XBCR, external pullup resistors must be added
to these two pins.
Emulator 1 pin/disable all outputs. When TRST is driven high, EMU1/OFF is used
as an interrupt to or from the emulator system and is defined as I/O by way of IEEE
standard 1149.1 scan system. When TRST is driven low, EMU1/OFF is configured
as OFF. The EMU1/OFF signal, when active (low), puts all output drivers into the
high-impedance state. Note that OFF is used exclusively for testing and emulation
purposes (not for multiprocessing applications). Therefore, for the OFF condition, the
following apply:
EMU1/OFF
I/O/Z
J
•
TRST = low,
•
EMU0 = high,
•
EMU1/OFF = low
The EMU0 and EMU1/OFF pins must be pulled up when an emulator is not
connected. Internal pullups have been included for the purpose. If the user chooses
to disable these pullups through the XBCR, external pullup resistors must be added
to these two pins.
Introduction
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com