Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 66Page - Texas Instruments TMS320VC5502 Datasheet HTML 67Page - Texas Instruments TMS320VC5502 Datasheet HTML 68Page - Texas Instruments TMS320VC5502 Datasheet HTML 69Page - Texas Instruments TMS320VC5502 Datasheet HTML 70Page - Texas Instruments TMS320VC5502 Datasheet HTML 71Page - Texas Instruments TMS320VC5502 Datasheet HTML 72Page - Texas Instruments TMS320VC5502 Datasheet HTML 73Page - Texas Instruments TMS320VC5502 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 190 page
background image
www.ti.com
3.11.1
Clock Domains
3.11.2
IDLE Procedures
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
The 5502 provides six clock domains to power-off the main clock to the portions of the device that are not
being used. The six domains are:
• CPU Domain
• Master Port Domain (includes DMA and HPI modules)
• ICACHE
• Peripherals Domain
• Clock Generator Domain
• EMIF Domain
Before entering idle mode (executing the IDLE instruction), the user has first to determine which part of
the system needs to be disabled and then program the Idle Control Register (ICR) accordingly. When the
IDLE instruction is executed, the ICR will be copied into the Idle Status Register (ISTR). The different bits
of the ISTR register will be propagated to disable the chosen domains. Special care has to be taken in
programming the ICR as some IDLE domain combinations are not valid (for example: CPU on and clock
generator off).
3.11.2.1 CPU Domain Idle Procedure
The 5502 CPU can be idled by executing the following procedure.
1. Write '1' to the CPUI bit (bit 0 of ICR).
2. Execute the IDLE instruction.
3. CPU will go to idle state
3.11.2.2 Master Port Domain (DMA/HPI) Idle Procedure
The clock to the DMA module and/or the HPI module will be stopped when the DMA and/or the HPI bit in
the MICR is set to 1 and the MPIS bit in the ISTR becomes 1. The DMA will go into idle immediately if
there is no data transfer taking place. If there is a data transfer taking place, then it will finish the current
transfer and then go into idle. The HPI will go into idle regardless of whether or not there is a data transfer
taking place. Software must confirm that the HPI has no activity before setting it to idle.
The 5502 DMA module and the HPI module can be disabled by executing the following procedure.
1. Write '1' to the DMA bit and/or the HPI bit in MICR.
2. Write '1' to the MPI bit in ICR.
3. Execute the IDLE instruction.
4. DMA and/or HPI go/goes to idle.
3.11.2.3 Peripheral Modules Idle Procedure
The clock to the modules included in the Peripherals Domain will be stopped when their corresponding bit
in the PICR is set to 1 and the PERIS bit in the ISTR becomes 1. Each module in this domain will go into
idle immediately if it has no activity. If the module being set to idle has activity, it will wait until the activity
completes before going into idle.
Each peripheral module can be idled by executing the following procedure.
1. Write '1' to the corresponding bit in PICR for each peripheral to be idled.
2. Write '1' to the PERI bit in ICR.
3. Execute the IDLE instruction.
4. Every peripheral with its corresponding PICR bit set will go to idle.
70
Functional Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com