Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 91Page - Texas Instruments TMS320VC5502 Datasheet HTML 92Page - Texas Instruments TMS320VC5502 Datasheet HTML 93Page - Texas Instruments TMS320VC5502 Datasheet HTML 94Page - Texas Instruments TMS320VC5502 Datasheet HTML 95Page - Texas Instruments TMS320VC5502 Datasheet HTML 96Page - Texas Instruments TMS320VC5502 Datasheet HTML 97Page - Texas Instruments TMS320VC5502 Datasheet HTML 98Page - Texas Instruments TMS320VC5502 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
3.12.2.9 Parallel GPIO Data Register 2 (PGPIODAT2)
15
14
13
12
11
10
9
8
Reserved
IO45DAT
IO44DAT
IO43DAT
IO42DAT
IO41DAT
IO40DAT
R/W, 00
R/W, pin
R/W, pin
R/W, pin
R/W, pin
R/W, pin
R/W, pin
7
6
5
4
3
2
1
0
IO39DAT
IO38DAT
IO37DAT
IO36DAT
IO35DAT
IO34DAT
IO33DAT
IO32DAT
R/W, pin
R/W, pin
R/W, pin
R/W, pin
R/W, pin
R/W, pin
R/W, pin
R/W, pin
LEGEND: R = Read, W = Write, n = value at reset, pin = the reset value depends on the signal level on the corresponding I/O pin.
Figure 3-42. Parallel GPIO Data Register 2 Layout (0x4408)
Table 3-45. Parallel GPIO Data Register 2 Bit Field Description
(1)
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-14
R/W
00
Reserved
IOxDAT
13-0
R/W
Depends on the signal level on
Data bits that are used to either control the level of the
the corresponding I/O pin
corresponding I/O pins configured as output pins or to
monitor the level of the corresponding I/O pins configured
as input pins. The function of the data register bits is
determined by the setting of the direction register bits. See
Table 3-36, TMS320VC5502 PGPIO Cross-Reference to
determine which device pins correspond to the PGPIO
pins.
If IOxEN = 0 and IOxDIR = 0, then IOxDAT is used to
read the value of the PGPIOx pin:
•
IOxDAT = 0: PGPIOx pin is read as a low
•
IOxDAT = 1: PGPIOx pin is read as a high
If IOxEN = 1 and IOxDIR = 1, then IOxDAT is used to set
the value of the PGPIOx pin:
•
IOxDAT = 0: Set PGPIOx pin to low
•
IOxDAT = 1: Set PGPIOx pin to high
Note that other combinations of IOxEN and IOxDIR are
not supported—i.e., IOxEN and IOxDIR must always be
set to the same value.
(1)
x = value from 32 to 45
Submit Documentation Feedback
Functional Overview
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com