Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 20Page - Texas Instruments TMS320VC5502 Datasheet HTML 21Page - Texas Instruments TMS320VC5502 Datasheet HTML 22Page - Texas Instruments TMS320VC5502 Datasheet HTML 23Page - Texas Instruments TMS320VC5502 Datasheet HTML 24Page - Texas Instruments TMS320VC5502 Datasheet HTML 25Page - Texas Instruments TMS320VC5502 Datasheet HTML 26Page - Texas Instruments TMS320VC5502 Datasheet HTML 27Page - Texas Instruments TMS320VC5502 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Table 2-4. Signal Descriptions (continued)
PIN
MULTIPLEXED
PIN
OTHER(2)
FUNCTION
NAME
SIGNAL NAME
TYPE(1)
The C12 pin of the Parallel Port serves one of two functions: parallel
general-purpose input/output (PGPIO) signal PGPIO32 or external memory interface
control signal EMIF.SDCKE. The function of the C12 pin is determined by the state
C12
I/O/Z
of the GPIO6 pin during reset. The C12 pin is set to PGPIO32 if GPIO6 is low during
reset. The C12 pin is set to EMIF.SDCKE if GPIO6 is high during reset. The function
of the C12 pin will be set once the device is taken out of reset (RESET pin
C, D, E, F,
transitions from a low to high state).
G, H, M
Parallel general-purpose I/O. PGPIO32 is selected when GPIO6 is low during
PGPIO32
I/O/Z
reset. The PGPIO32 signal is configured as an input after reset.
EMIF SDRAM clock-enable. EMIF.SDCKE is selected when GPIO6 is high during
EMIF.SDCKE
O/Z
reset. The EMIF.SDCKE signal is in a high-impedance state during reset and is set
to output after reset with an output value of 1.
The C13 pin of the Parallel Port serves one of two functions: parallel
general-purpose input/output (PGPIO) signal PGPIO33 or external memory interface
control signal EMIF.SOE3. The function of the C13 pin is determined by the state of
C13
I/O/Z
the GPIO6 pin during reset. The C13 pin is set to PGPIO33 if GPIO6 is low during
reset. The C13 pin is set to EMIF.SOE3 if GPIO6 is high during reset. The function
of the C13 pin will be set once the device is taken out of reset (RESET pin
C, D, E, F, transitions from a low to high state).
G, H, M
Parallel general-purpose I/O. PGPIO33 is selected when GPIO6 is low during
PGPIO33
I/O/Z
reset. The PGPIO33 signal is configured as an input after reset.
EMIF synchronous memory output-enable for CE3. EMIF.SOE3 is selected when
GPIO6 is high during reset. The EMIF.SOE3 signal is in a high-impedance state
EMIF.SOE3
O/Z
during reset and is set to output after reset with an output value of 1.
The EMIF.SOE3 is intended for glueless FIFO interface.
The C14 pin of the Parallel Port serves one of two functions: parallel
general-purpose input/output (PGPIO) signal PGPIO34 or external memory interface
control signal EMIF.HOLD. The function of the C14 pin is determined by the state of
C14
I/O/Z
the GPIO6 pin during reset. The C14 pin is set to PGPIO34 if GPIO6 is low during
reset. The C14 pin is set to EMIF.HOLD if GPIO6 is high during reset. The function
of the C14 pin will be set once the device is taken out of reset (RESET pin
F, G, H, J,
transitions from a low to high state).
M
Parallel general-purpose I/O. PGPIO34 is selected when GPIO6 is low during
PGPIO34
I/O/Z
reset. The PGPIO34 signal is configured as an input after reset.
EMIF hold request. EMIF.HOLD is selected when GPIO6 is high during reset.
EMIF.HOLD
I
EMIF.HOLD is asserted by an external host to request control of the address, data,
and control signals.
The C15 pin of the Parallel Port serves one of two functions: parallel
general-purpose input/output (PGPIO) signal PGPIO35 or external memory interface
control signal EMIF.HOLDA. The function of the C15 pin is determined by the state
C15
I/O/Z
of the GPIO6 pin during reset. The C15 pin is set to PGPIO35 if GPIO6 is low during
reset. The C15 pin is set to EMIF.HOLDA if GPIO6 is high during reset. The function
of the C15 pin will be set once the device is taken out of reset (RESET pin
transitions from a low to high state).
C, D, F, G,
Parallel general-purpose I/O. PGPIO35 is selected when GPIO6 is low during
PGPIO35
I/O/Z
H, M
reset. The PGPIO35 signal is configured as an input after reset.
EMIF hold acknowledge. EMIF.HOLDA is selected when GPIO6 is high during
reset. The EMIF.HOLDA signal is in a high-impedance state during reset and is set
to output after reset with an output value of '1'.
EMIF.HOLDA
O/Z
EMIF.HOLDA is asserted by the DSP to indicate that the DSP is in the HOLD state
and that the EMIF address, data, and control signals are in a high-impedance state,
allowing the external memory interface to be accessed by other devices.
EMIF — Clock Pins
External EMIF input clock. ECLKIN is selected as the input clock to the EMIF
ECLKIN
I
C, L
when EMIFCLKS is high.
Introduction
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com