Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 15Page - Texas Instruments TMS320VC5502 Datasheet HTML 16Page - Texas Instruments TMS320VC5502 Datasheet HTML 17Page - Texas Instruments TMS320VC5502 Datasheet HTML 18Page - Texas Instruments TMS320VC5502 Datasheet HTML 19Page - Texas Instruments TMS320VC5502 Datasheet HTML 20Page - Texas Instruments TMS320VC5502 Datasheet HTML 21Page - Texas Instruments TMS320VC5502 Datasheet HTML 22Page - Texas Instruments TMS320VC5502 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 190 page
background image
www.ti.com
2.2.3
Signal Descriptions
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Table 2-4 lists each signal, function, and operating mode(s) grouped by function. See Section 2.2, Pin
Assignments, for exact pin locations based on package type.
Table 2-4. Signal Descriptions
PIN
MULTIPLEXED
PIN
OTHER(2)
FUNCTION
NAME
SIGNAL NAME
TYPE(1)
Parallel Port — Address Bus
The A[21:18] pins of the Parallel Port serve one of two functions: parallel
general-purpose input/output (PGPIO) signals PGPIO[3:0] or external memory
interface (EMIF) address bus signals EMIF.A[21:18]. The function of the A[21:18]
pins is determined by the state of the GPIO6 pin during reset. The A[21:18] pins are
set to PGPIO[3:0] if GPIO6 is low during reset. The A[21:18] pins are set to
EMIF.A[21:18] if GPIO6 is high during reset. The function of the A[21:18] pins will be
set once the device is taken out of reset (RESET pin transitions from a low to high
A[21:18]
I/O/Z
state).
The A[21:18] bus includes bus holders to reduce the static power dissipation caused
C, D, E, F, by floating, unused pins. The bus holders also eliminate the need for external bias
G, H, M
resistors on unused pins. When the bus goes into a high-impedance state, the bus
holders keep the address bus at the logic level that was most recently driven. The
bus holders are enabled at reset and can be enabled/disabled through the External
Bus Control Register (XBCR).
Parallel general-purpose I/O. PGPIO[3:0] is selected if GPIO6 is low during reset.
PGPIO[3:0]
I/O/Z
The PGPIO[3:0] signals are configured as inputs after reset.
EMIF address bus. EMIF.A[21:18] is selected if GPIO6 is high during reset. The
EMIF.A[21:18]
O/Z
EMIF.A[21:18] signals are in a high-impedance state during reset and are configured
as outputs after reset with an output value of 0.
(1)
I = Input, O = Output, S = Supply, Z = High impedance
(2)
Other Pin Characteristics:
A - Internal pullup [always enabled]
B - Internal pulldown [always enabled]
C - Hysteresis input
D - Pin has bus holder, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
E - Pin is high impedance in HOLD mode (due to HOLD pin). The EKxHZ bits in the EMIF Global Control Registers (EGCR1, EGCR2)
determine the state of the ECLKOUTx signals during HOLD mode. If EKxHZ = 0, ECLKOUTx continues clocking during HOLD mode. If
EKxHZ = 1, ECLKOUTx goes to high impedance during HOLD mode.
F - Pin is high impedance in OFF mode (TRST = 0, EMU0 = 1, and EMU1/OFF = 0).
G - Pin can be configured as a general-purpose input.
H - Pin can be configured as a general-purpose output.
J - Pin has an internal pullup, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
K - Pin has an internal pulldown, it can be enabled/disabled through the External Bus Control Register (XBCR) [enabled by default].
L - Fail-safe pin
M - Pin is in high-impedance during reset (RESET pin is low)
Submit Documentation Feedback
Introduction
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com