Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 36Page - Texas Instruments TMS320VC5502 Datasheet HTML 37Page - Texas Instruments TMS320VC5502 Datasheet HTML 38Page - Texas Instruments TMS320VC5502 Datasheet HTML 39Page - Texas Instruments TMS320VC5502 Datasheet HTML 40Page - Texas Instruments TMS320VC5502 Datasheet HTML 41Page - Texas Instruments TMS320VC5502 Datasheet HTML 42Page - Texas Instruments TMS320VC5502 Datasheet HTML 43Page - Texas Instruments TMS320VC5502 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Table 3-7. External Bus Selection Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-4
R
000000000000
Reserved
Reserved
3
R/W
0
Reserved. This reserved bit must be kept as zero during any writes
to XBSR.
Serial Port 2 Mux
2
R/W
GPIO7
Serial Port 2 Mux Mode bit. Determines the mode of the third serial
Mode
port.
•
Serial Port 2 Mux Mode = 0:
The Serial Port 2 Mux is configured to support the UART and
GPIO. In this mode, the UART is enabled and its two signals
are routed to the corresponding pins on the Serial Port 2 Mux.
GPIO3 and GPIO5 are also routed to their corresponding pins
on the Serial Port 2 Mux.
•
Serial Port 2 Mux Mode = 1:
The Serial Port 2 Mux is configured to support the McBSP2. In
this mode, the McBSP2 is enabled and its six signals are routed
to their corresponding pins on the Serial Port 2 Mux.
Reserved
1
R
0
Reserved
Parallel/Host Port
0
R/W
GPIO6
Parallel/Host Port Mux Mode bit. Determines the mode of the
Mux Mode
Parallel Port Mux and the Host Port Mux.
•
Parallel/Host Port Mux Mode = 0:
The Parallel Port Mux is configured to support the HPI in 16-bit
(non-multiplexed) mode and PGPIO. In this mode, the HPI is
enabled and its 16 address, 16 data, and 9 control signals are
routed to their corresponding pins on the Parallel Port Mux. The
rest of the pins are routed to PGPIO. The EMIF cannot be used
in this mode.
The Host Port Mux is configured to support PGPIO. In this
mode, the Host Port Mux pins will be routed to PGPIO.
•
Parallel/Host Port Mux Mode = 1:
The Parallel Port Mux is configured to support the 32-bit EMIF.
In this mode, the EMIF is enabled and its 20 address, 32 data,
and 16 control signals are routed to their corresponding pins on
the Parallel Port Mux.
The Host Port Mux is configured to support the HPI in 8-bit
(multiplexed) mode. In this mode, the HPI is enabled and its
eight data/address and two control signals are routed to their
corresponding pins on the Host Port Mux.
Functional Overview
40
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com