Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 10Page - Texas Instruments TMS320VC5502 Datasheet HTML 11Page - Texas Instruments TMS320VC5502 Datasheet HTML 12Page - Texas Instruments TMS320VC5502 Datasheet HTML 13Page - Texas Instruments TMS320VC5502 Datasheet HTML 14Page - Texas Instruments TMS320VC5502 Datasheet HTML 15Page - Texas Instruments TMS320VC5502 Datasheet HTML 16Page - Texas Instruments TMS320VC5502 Datasheet HTML 17Page - Texas Instruments TMS320VC5502 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 190 page
background image
www.ti.com
2
Introduction
2.1
Description
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
This section describes the main features of the TMS320VC5502 and gives a brief description of the
device.
NOTE
This document is designed to be used in conjunction with the TMS320C55x DSP CPU
Reference Guide (literature number SPRU371).
The TMS320VC5502 (5502) fixed-point digital signal processor (DSP) is based on the TMS320C55x™
DSP generation CPU processor core. The C55x™ DSP architecture achieves high performance and low
power through increased parallelism and total focus on reduction in power dissipation. The CPU supports
an internal bus structure that is composed of one program bus, three data read buses, two data write
buses, and additional buses dedicated to peripheral and DMA activity. These buses provide the ability to
perform up to three data reads and two data writes in a single cycle. In parallel, the DMA controller can
perform data transfers independent of the CPU activity.
The C55x™ CPU provides two multiply-accumulate (MAC) units, each capable of 17-bit x 17-bit
multiplication in a single cycle. A central 40-bit arithmetic/logic unit (ALU) is supported by an additional
16-bit ALU. Use of the ALUs is under instruction set control, providing the ability to optimize parallel
activity and power consumption. These resources are managed in the Address Unit (AU) and Data Unit
(DU) of the C55x CPU.
The C55x DSP generation supports a variable byte width instruction set for improved code density. The
Instruction Unit (IU) performs 32-bit program fetches from internal or external memory and queues
instructions for the Program Unit (PU). The Program Unit decodes the instructions, directs tasks to AU and
DU resources, and manages the fully protected pipeline. Predictive branching capability avoids pipeline
flushes on execution of conditional instructions.
The 5502 peripheral set includes an external memory interface (EMIF) that provides glueless access to
asynchronous memories like EPROM and SRAM, as well as to high-speed, high-density memories such
as synchronous DRAM and synchronous burst RAM. Additional peripherals include UART, watchdog
timer, and an I-Cache. Three full-duplex multichannel buffered serial ports (McBSPs) provide glueless
interface to a variety of industry-standard serial devices, and multichannel communication with up to 128
separately enabled channels. The host-port interface (HPI) is a 8-/16-bit parallel interface used to provide
host processor access to 32K words of internal memory on the 5502. The HPI can be configured in either
multiplexed or non-multiplexed mode to provide glueless interface to a wide variety of host processors.
The DMA controller provides data movement for six independent channel contexts without CPU
intervention. Two general-purpose timers, eight dedicated general-purpose I/O (GPIO) pins, and analog
phase-locked loop (APLL) clock generation are also included.
The 5502 is supported by the industry's award-winning eXpressDSP™, Code Composer Studio™
Integrated Development Environment (IDE), DSP/BIOS™, Texas Instruments' algorithm standard, and the
industry's largest third-party network. The Code Composer Studio™ IDE features code generation tools
that include a C Compiler, Visual Linker, simulator, RTDX™, XDS510™ emulation device drivers, and
evaluation modules. The 5502 is also supported by the C55x™ DSP Library, which features more than 50
foundational software kernels (FIR filters, IIR filters, FFTs, and various math functions) as well as chip and
board support libraries.
Introduction
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com