Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 49Page - Texas Instruments TMS320VC5502 Datasheet HTML 50Page - Texas Instruments TMS320VC5502 Datasheet HTML 51Page - Texas Instruments TMS320VC5502 Datasheet HTML 52Page - Texas Instruments TMS320VC5502 Datasheet HTML 53Page - Texas Instruments TMS320VC5502 Datasheet HTML 54Page - Texas Instruments TMS320VC5502 Datasheet HTML 55Page - Texas Instruments TMS320VC5502 Datasheet HTML 56Page - Texas Instruments TMS320VC5502 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 190 page
background image
www.ti.com
3.10.1
Input Clock Source
C
L
+
C
1C2
(C
1
) C2)
X2/CLKIN
X1
C1
C2
Crystal
RS
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
The clock input to the 5502 can be sourced from either an externally generated 3.3-V clock input on the
X2/CLKIN pin, or from the on-chip oscillator if an external crystal circuit is attached to the device as shown
in Figure 3-13. The CLKMD0 bit of the Clock Mode Control Register (CLKMD) determines which clock,
either OSCOUT or X2/CLKIN, is used as an input clock source to the DSP. If GPIO4 is low at reset, the
CLKMD0 bit of the Clock Mode Control Register (CLKMD) will be set to '0' and the internal oscillator and
the external crystal will generate the input clock to the DSP. If GPIO4 is high, the CLKMD0 bit will be set
to '1' and the input clock will be taken directly from the X2/CLKIN pin.
The input clock source to the DSP can be directly used to generate the clocks to other parts of the system
(Bypass Mode) or it can be multiplied by a value from 2 to 15 and divided by a value from 1 to 32 to
achieve a desired frequency (PLL Mode). The PLLEN bit of the PLL Control/Status Register (PLLCSR) is
used to select between the PLL and bypass modes of the clock generator.
The clock generated through either the PLL Mode or the Bypass Mode can be further divided down to
generate a clock source for other parts of the system, or Clock Groups. Clock groups allow for lower
power and performance optimization since the frequency of groups with no high-speed requirements can
be set to one-fourth or one-half the frequency of other groups. A description of the different clock groups
included in the 5502 and the procedure for changing the operating frequency for those clock groups are
described later in this section.
3.10.1.1 Internal System Oscillator With External Crystal
The 5502 includes an internal oscillator which can be used in conjunction with an external crystal to
generate the input clock to the DSP. The oscillator requires an external crystal connected across the X1
and X2/CLKIN pins. If the internal oscillator is not used, an external clock source must be applied to the
X2/CLKIN pin and the X1 pin should be left unconnected. Since the internal oscillator can be used as a
clock source to the PLL, the crystal oscillation frequency can be multiplied to generate the input clock to
the different clock groups of the DSP.
The crystal should be in fundamental-mode operation, and parallel resonant, with a maximum effective
series resistance (ESR) as specified in Table 3-10. The connection of the required circuit is shown in
Figure 3-13. Under some conditions, all the components shown are not required. The capacitors, C1 and
C2, should be chosen such that the equation below is satisfied. CL in the equation is the load specified for
the crystal that is also specified in Table 3-10.
Figure 3-13. Internal System Oscillator With External Crystal
Submit Documentation Feedback
Functional Overview
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com