Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 21Page - Texas Instruments TMS320VC5502 Datasheet HTML 22Page - Texas Instruments TMS320VC5502 Datasheet HTML 23Page - Texas Instruments TMS320VC5502 Datasheet HTML 24Page - Texas Instruments TMS320VC5502 Datasheet HTML 25Page - Texas Instruments TMS320VC5502 Datasheet HTML 26Page - Texas Instruments TMS320VC5502 Datasheet HTML 27Page - Texas Instruments TMS320VC5502 Datasheet HTML 28Page - Texas Instruments TMS320VC5502 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Table 2-4. Signal Descriptions (continued)
PIN
MULTIPLEXED
PIN
OTHER(2)
FUNCTION
NAME
SIGNAL NAME
TYPE(1)
EMIF output clock. ECLKOUT1 outputs the EMIF input clock by default but can be
held low or set to a high-impedance state through the EMIF Global Control
Register 1 (EGCR1).
The ECLKOUT1 pin is always in a high-impedance state during reset. The behavior
of ECLKOUT1 immediately after reset depends on the state of GPIO6 during reset
and EMIFCLKS:
ECLKOUT1
O/Z
E, F, M
•
GPIO6 = 0 and EMIFCLKS =0: ECLKOUT1 is in a high-impendance state.
•
GPIO6 = 0 and EMIFCLKS =1: ECLKOUT1 toggles at ECLKIN frequency.
•
GPIO6 = 1 and EMIFCLKS =0: ECLKOUT1 toggles at SYSCLK3 frequency.
•
GPIO6 = 1 and EMIFCLKS =1: ECLKOUT1 toggles at ECLKIN frequency.
EMIF output clock. ECLKOUT2 can be enabled to output the EMIF input clock
divided by a factor 1, 2, or 4 through the EMIF Global Control Register 2 (EGCR2).
ECLKOUT2 can also be held low or set to a high-impedance state through the
EGCR2 register.
The ECLKOUT2 pin toggles with a clock frequency equal to the EMIF input clock
divided by 4 during reset. The behavior of ECLKOUT2 immediately after reset
depends on the state of GPIO6 during reset and EMIFCLKS:
ECLKOUT2
O/Z
E, F
•
GPIO6 = 0 and EMIFCLKS =0: ECLKOUT2 is held low.
•
GPIO6 = 0 and EMIFCLKS =1: ECLKOUT2 toggles at one-fourth of the ECLKIN
frequency.
•
GPIO6 = 1 and EMIFCLKS =0: ECLKOUT2 toggles at one-fourth of the
SYSCLK3 frequency.
•
GPIO6 = 1 and EMIFCLKS =1: ECLKOUT2 toggles at one-fourth of the ECLKIN
frequency.
EMIF input clock source select. The clock source for the EMIF is determined by
EMIFCLKS
I
C, L
the state of the EMIFCLKS pin. The EMIF uses an internal clock (SYSCLK3) if
EMIFCLKS is low. ECLKIN is used as the clock source if EMIFCLKS is high.
Host Port — Data Bus
The HD[7:0] pins of the Host Port serve one of two functions: parallel
general-purpose input/output (PGPIO) signals PGPIO[43:36] or host-port interface
(HPI) data bus signals HPI.HD[7:0]. The function of the HD[7:0] pins is determined
by the state of the GPIO6 pin during reset. The HD[7:0] pins are set to
PGPIO[43:36] if GPIO6 is low during reset. The HD[7:0] pins are set to HPI.HD[7:0]
if GPIO6 is high during reset. The function of the HD[7:0] pins will be set once the
HD[7:0]
I/O/Z
device is taken out of reset (RESET pin transitions from a low to high state).
The HD[7:0] bus includes bus holders to reduce the static power dissipation caused
by floating, unused pins. The bus holders also eliminate the need for external bias
resistors on unused pins. When the bus goes into a high-impedance state, the bus
C, D, F, G,
holders keep the address bus at the logic level that was most recently driven. The
H, M
bus holders are enabled at reset and can be enabled/disabled through the External
Bus Control Register (XBCR).
Parallel general-purpose I/O. PGPIO[43:36] is selected when GPIO6 is low during
PGPIO[43:36]
I/O/Z
reset. The PGPIO[43:36] signals are configured as inputs after reset.
Host data bus. HPI.HD[7:0] is selected when GPIO6 is high during reset. The
HPI.HD[7:0] signals are configured as inputs after reset.
HPI.HD[7:0]
I/O/Z
The HPI will operate in mulitplexed mode when GPIO6 is high during reset. In
multiplexed mode, an 8-bit data bus (HPI.HD[7:0]) carries both address and data.
Each host cycle on the bus consists of two consecutive 8-bit transfers.
Submit Documentation Feedback
Introduction
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com