Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 65Page - Texas Instruments TMS320VC5502 Datasheet HTML 66Page - Texas Instruments TMS320VC5502 Datasheet HTML 67Page - Texas Instruments TMS320VC5502 Datasheet HTML 68Page - Texas Instruments TMS320VC5502 Datasheet HTML 69Page - Texas Instruments TMS320VC5502 Datasheet HTML 70Page - Texas Instruments TMS320VC5502 Datasheet HTML 71Page - Texas Instruments TMS320VC5502 Datasheet HTML 72Page - Texas Instruments TMS320VC5502 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 190 page
background image
www.ti.com
3.10.6
Reset Sequence
3.11 Idle Control
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
When RESET is low, the clock generator is in bypass mode with the input clock set to CLKIN or
X2/CLKIN, dependent upon the state of GPIO4. After the RESET pin transitions from low to high, the
following events will occur in the order listed below.
• GPIO6 and GPIO7 are sampled on the rising edge of the reset signal. The state of GPIO6 and GPIO7
determines the function of the multiplexed pins of the 5502, see Section 3.3, Configurable External
Ports and Signals, for more information on pin multiplexing. The state of GPIO6 and GPIO7 during the
rising edge of reset determines the values for the Parallel/Host Port Mux Mode and the Serial Port 2
Mux Mode bits, respectively, of the External Bus Control Register (XBSR).
• GPIO4 is sampled on the rising edge of the reset signal to set the state of the CLKMD0 bit of the Clock
Mode Control Register (CLKMD), which in turns, determines the clock source for the DSP. The
CLKMD0 bit selects either the internal oscillator output (OSCOUT) or the X2/CLKIN pin as the input
clock source for the DSP. If GPIO4 is low at reset, the CLKMD0 bit will be set to 0 and the internal
oscillator and the external crystal generate the input clock for the DSP. If GPIO4 is high, the CLKMD0
bit will be set to 1 and the input clock will be taken directly from the X2/CLKIN pin.
• After the reset signal transitions from low to high, the DSP will not be taken out of reset immediately.
Instead, an internal counter will count 41032 clock cycles to allow the internal oscillator to stabilize
(only if GPIO4 was low). The internal counter will also add 70 reference clock cycles to allow the reset
signal to propagate through different parts of the device.
• After all internal delay cycles have expired, the IACK pin will go low for two CPU clock cycles to
indicate this internal reset signal has been deasserted. The BOOTM[2:0] pins will be sampled and their
values will be stored in the Boot Mode Register (BOOTM_MODE). The value in the BOOTM_MODE
register will be used by the bootloader to determine the boot mode of the DSP.
• Program flow will commence after all internal delay cycles have expired.
The 5502 has internal circuitry that will count down 70 reference clock cycles to allow reset signals to
propagate correctly to all parts of the device after reset (RESET pin goes high). Furthermore, the 5502
also has internal circuitry that will count down 41,032 reference clock cycles to allow the oscillator input to
become stable after waking up from power-down state or reset. If a reset is asserted, program flow will
start after all stabilization periods have expired; this includes the oscillator stabilization period only if
GPIO4 is low at reset. If the oscillator is coming out of power-down mode, program flow will start
immediately after the oscillator stabilization period has completed. Table 3-24 summarizes the number of
reference clock cycles needed before program flow begins.
Table 3-24. Number of Reference Clock Cycles Needed Until Program Flow Begins
CONDITION
REFERENCE CLOCK CYCLES
Oscillator Not Used (GPIO4 = 1)
70
After Reset
Oscillator Used (GPIO4 = 0)
41,102
After Oscillator Power-Down
41,032
All output (O/Z) and input/output (I/O/Z) pins (except for CLKOUT, ECLKOUT2, and XF) will go into
high-impedance mode during reset and will come out of high-impedance mode when the stabilization
periods have expired. All output (O/Z) and input/output (I/O/Z) pins will retain their value when the device
enters a power-down mode such as IDLE3 mode.
The Idle function is implemented for low power consumption. The Idle function achieves low power
consumption by gating the clock to unused parts of the chip, and/or setting the clock generator (PLL) and
the internal oscillator to a power-down mode.
Submit Documentation Feedback
Functional Overview
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com