Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 27Page - Texas Instruments TMS320VC5502 Datasheet HTML 28Page - Texas Instruments TMS320VC5502 Datasheet HTML 29Page - Texas Instruments TMS320VC5502 Datasheet HTML 30Page - Texas Instruments TMS320VC5502 Datasheet HTML 31Page - Texas Instruments TMS320VC5502 Datasheet HTML 32Page - Texas Instruments TMS320VC5502 Datasheet HTML 33Page - Texas Instruments TMS320VC5502 Datasheet HTML 34Page - Texas Instruments TMS320VC5502 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 190 page
background image
www.ti.com
3
Functional Overview
X1
TCK
TMS
TDI
TDO
TRST
EMU0
EMU1/OFF
C55x CPU
XPORT
Peripheral
Controller
WDTimer
Interrupt
Control
NMI
Muxing
Logic
NMI/WDTOUT
INT3
RESET
INT3
RESET
INT[2:0]
INT[2:0]
SCL
SDA
EMIF
DARAM0
DARAM1
PERI
Serial Port 2 MUX
SP1
SP0
SP3
SP2
General−Purpose
I/O
HDS2
HRDY
HPIENA
HCNTL1
HR/W
HCNTL0
HINT
Host−Port
Interface (HPI)
Parallel
General−
Purpose I/O
HC1
HD[7:0]
HC0
ECLKOUT2
External
Memory
Interface
(EMIF)
ECLKIN
ECLKOUT1
EMIFCLKS
A[21:2]
D[31:0]
C[15:0]
PGPIO[45:36]
PGPIO[35:0]
HD[15:0]
HA[15:0]
HAS
HBIL
C[15:0]
D[31:0]
A[21:2]
Parallel
Port MUX
Host Port
MUX
TIM
X2/CLKIN
Data Read Address Bus B [BAB] (24)
Data Read Bus B [BB] (16)
Program Data Bus [PB] (32)
Data Read Address Bus C [CAB] (24)
Data Read Bus C [CB] (16)
Data Read Address Bus D [DAB] (24)
Data Read Bus D [DB] (16)
Data Write Address Bus E [EAB] (24)
Data Write Bus E [EB] (16)
Data Write Address Bus F [FAB] (24)
Data Write Bus F [FB] (16)
Data
Computation
Unit (DU)
Address Data Flow
Unit (AU)
Instruction Buffer
Unit (IU)
Program Flow
Unit (PU)
Emulation Control
DPORT
IPORT
Internal Memory
Interface
MPORT
DMA
Controller
Timer 3
(DSP/BIOS Timer)
McBSP2
UART
TX
RX
ROM
DARAM
Instruction
Cache
Timer
I2C
Clock Generator
Power
Management
McBSP
HCS
HDS1
CLKOUT
Program Address Bus
[PAB]
(24)
(A)
HD[15:8] are not used when the HPI is operated in
multiplexed mode.
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
The following functional overview is based on the block diagram in Figure 3-1.
Figure 3-1. TMS320VC5502 Functional Block Diagram
Submit Documentation Feedback
Functional Overview
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com