Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 63Page - Texas Instruments TMS320VC5502 Datasheet HTML 64Page - Texas Instruments TMS320VC5502 Datasheet HTML 65Page - Texas Instruments TMS320VC5502 Datasheet HTML 66Page - Texas Instruments TMS320VC5502 Datasheet HTML 67Page - Texas Instruments TMS320VC5502 Datasheet HTML 68Page - Texas Instruments TMS320VC5502 Datasheet HTML 69Page - Texas Instruments TMS320VC5502 Datasheet HTML 70Page - Texas Instruments TMS320VC5502 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
3.10.5.9 CLKOUT3 Select Register (CK3SEL)
This register controls which clock is output onto the CLKOUT3 so that it may be used to test and debug
the PLL (in addition to its normal function of being a direct input clock divider). Modes other than
CK3SEL = 1011 are intended for debug use only and should not be used during normal operation.
15
8
Reserved
R, 00000000
7
4
3
0
Reserved
CK3SEL
R, 0000
R/W, 1011
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-23. CLKOUT3 Select Register Layout (0x1C82)
Table 3-21. CLKOUT3 Select Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15:4
R
000000000000
Reserved. Reads return 0. Writes have no effect.
CK3SEL
3:0
R/W
1011
Output on CLK3SEL pin(1)
•
CK3SEL = 1001: CLKOUT3 becomes point A in Figure 3-14
•
CK3SEL = 1010: CLKOUT3 becomes point B in Figure 3-14
•
CK3SEL = 0000-0111: CLKOUT3 becomes oscillator divider output
in Figure 3-14
•
CK3SEL = 1011: CLKOUT3 becomes point C in Figure 3-14
•
CK3SEL = Other: Not supported
(1)
The different options for the CLKOUT3 signal are intended for test purposes; it is recommended that the CK3SEL bits of the CK3SEL
register be kept at their default value of '1011b' during normal operation.
Submit Documentation Feedback
Functional Overview
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com