Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 9Page - Texas Instruments TMS320VC5502 Datasheet HTML 10Page - Texas Instruments TMS320VC5502 Datasheet HTML 11Page - Texas Instruments TMS320VC5502 Datasheet HTML 12Page - Texas Instruments TMS320VC5502 Datasheet HTML 13Page - Texas Instruments TMS320VC5502 Datasheet HTML 14Page - Texas Instruments TMS320VC5502 Datasheet HTML 15Page - Texas Instruments TMS320VC5502 Datasheet HTML 16Page - Texas Instruments TMS320VC5502 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 190 page
background image
www.ti.com
1
TMS320VC5502
1.1
Features
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
• On-Chip Peripherals
• High-Performance, Low-Power, Fixed-Point
TMS320C55x™ Digital Signal Processor (DSP)
–
Six-Channel Direct Memory Access (DMA)
Controller
–
3.33-/5-ns Instruction Cycle Time
–
Three Multichannel Buffered Serial Ports
–
300-/200-MHz Clock Rate
(McBSPs)
–
16K-Byte Instruction Cache (I-Cache)
–
Programmable Analog Phase-Locked Loop
–
One/Two Instructions Executed per Cycle
(APLL) Clock Generator
–
Dual Multipliers [Up to 600 Million
–
General-Purpose I/O (GPIO) Pins and a
Multiply-Accumulates Per Second
Dedicated Output Pin (XF)
(MMACS)]
–
8-Bit/16-Bit Parallel Host-Port Interface
–
Two Arithmetic/Logic Units (ALUs)
(HPI)
–
One Program Bus, Three Internal
–
Four Timers
Data/Operand Read Buses, and Two
• Two 64-Bit General-Purpose Timers
Internal Data/Operand Write Buses
• 64-Bit Programmable Watchdog Timer
• Instruction Cache (16K Bytes)
• 64-Bit DSP/BIOS™ Counter
• 32K x 16-Bit On-Chip RAM That is Composed
–
Inter-Integrated Circuit (I2C) Interface
of Eight Blocks of 4K × 16-Bit Dual-Access
–
Universal Asynchronous Receiver/
RAM (DARAM) (64K Bytes)
Transmitter (UART)
• 16K × 16-Bit One-Wait-State On-Chip ROM
• On-Chip Scan-Based Emulation Logic
(32K Bytes)
• IEEE Std 1149.1(1) (JTAG) Boundary Scan
• 8M × 16-Bit Maximum Addressable External
Logic
Memory Space
• Packages:
• 32-Bit External Parallel Bus Memory
–
176-Terminal LQFP (Low-Profile Quad
Supporting External Memory Interface (EMIF)
Flatpack) (PGF Suffix)
With General-Purpose Input/Output (GPIO)
–
201-Terminal MicroStar BGA™ (Ball Grid
Capabilities and Glueless Interface to:
Array) (GZZ and ZZZ Suffixes)
–
Asynchronous Static RAM (SRAM)
• 3.3-V I/O Supply Voltage
–
Asynchronous EPROM
• 1.26-V Core Supply Voltage
–
Synchronous DRAM (SDRAM)
–
Synchronous Burst RAM (SBRAM)
• Emulation/Debug Trace Capability Saves Last
16 Program Counter (PC) Discontinuities and
Last 32 PC Values
• Programmable Low-Power Control of Six
(1)
IEEE Standard 1149.1 - 1990 Standard Test Access Port and
Device Functional Domains
Boundary Scan Architecture
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
TMS320C55x, DSP/BIOS, MicroStar BGA, C55x, eXpressDSP, Code Composer Studio, RTDX, XDS510, TMS320C54x, C54x, TMS320,
TMS320C5000 are trademarks of Texas Instruments.
I2C bus is a trademark of Koninklijke Philips Electronics N.V.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com