Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 18Page - Texas Instruments TMS320VC5502 Datasheet HTML 19Page - Texas Instruments TMS320VC5502 Datasheet HTML 20Page - Texas Instruments TMS320VC5502 Datasheet HTML 21Page - Texas Instruments TMS320VC5502 Datasheet HTML 22Page - Texas Instruments TMS320VC5502 Datasheet HTML 23Page - Texas Instruments TMS320VC5502 Datasheet HTML 24Page - Texas Instruments TMS320VC5502 Datasheet HTML 25Page - Texas Instruments TMS320VC5502 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Table 2-4. Signal Descriptions (continued)
PIN
MULTIPLEXED
PIN
OTHER(2)
FUNCTION
NAME
SIGNAL NAME
TYPE(1)
The C3 pin of the Parallel Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO23 or external memory interface control signal
EMIF.ARDY. The function of the C3 pin is determined by the state of the GPIO6 pin
C3
I/O/Z
during reset. The C3 pin is set to PGPIO23 if GPIO6 is low during reset. The C3 pin
is set to EMIF.ARDY if GPIO6 is high during reset. The function of the C3 pin will be
set once the device is taken out of reset (RESET pin transitions from a low to high
state).
F, G, H, J
Parallel general-purpose I/O. PGPIO23 is selected when GPIO6 is low during
PGPIO23
I/O/Z
reset. The PGPIO23 signal is configured as an input after reset.
EMIF data ready pin. EMIF.ARDY is selected when GPIO6 is high during reset.The
EMIF.ARDY signal indicates that an external device is ready for a bus transaction to
be completed. If the device is not ready (EMIF.ARDY is low), the processor extends
EMIF.ARDY
I
the memory access by one cycle and checks EMIF.ARDY again. An internal pullup
is included to disable this feature if not used. The internal pullup can be disabled
through the External Bus Control Register (XBCR).
The C4 pin of the Parallel Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO24 or external memory interface control signal
EMIF.CE0. The function of the C4 pin is determined by the state of the GPIO6 pin
C4
I/O/Z
during reset. The C4 pin is set to PGPIO24 if GPIO6 is low during reset. The C4 pin
is set to EMIF.CE0 if GPIO6 is high during reset. The function of the C4 pin will be
set once the device is taken out of reset (RESET pin transitions from a low to high
C, D, E, F,
state).
G, H, M
Parallel general-purpose I/O. PGPIO24 is selected when GPIO6 is low during
PGPIO24
I/O/Z
reset. The PGPIO24 signal is configured as an input after reset.
EMIF chip-select for memory space CE0. EMIF.CE0 is selected when GPIO6 is
EMIF.CE0
O/Z
high during reset. The EMIF.CE0 signal is in a high-impedance state during reset
and is set to output after reset with an output value of 1.
The C5 pin of the Parallel Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO25 or external memory interface control signal
EMIF.CE1. The function of the C5 pin is determined by the state of the GPIO6 pin
C5
I/O/Z
during reset. The C5 pin is set to PGPIO25 if GPIO6 is low during reset. The C5 pin
is set to EMIF.CE1 if GPIO6 is high during reset. The function of the C5 pin will be
set once the device is taken out of reset (RESET pin transitions from a low to high
C, D, E, F,
state).
G, H, M
Parallel general-purpose I/O. PGPIO25 is selected when GPIO6 is low during
PGPIO25
I/O/Z
reset. The PGPIO25 signal is configured as an input after reset.
EMIF chip-select for memory space CE1. EMIF.CE1 is selected when GPIO6 is
EMIF.CE1
O/Z
high during reset. The EMIF.CE1 signal is in a high-impedance state during reset
and is set to output after reset with an output value of 1.
The C6 pin of the Parallel Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO26 or external memory interface control signal
EMIF.CE2. The function of the C6 pin is determined by the state of the GPIO6 pin
C6
I/O/Z
during reset. The C6 pin is set to PGPIO26 if GPIO6 is low during reset. The C6 pin
is set to EMIF.CE2 if GPIO6 is high during reset. The function of the C6 pin will be
set once the device is taken out of reset (RESET pin transitions from a low to high
C, D, E, F,
state).
G, H, M
Parallel general-purpose I/O. PGPIO26 is selected when GPIO6 is low during
PGPIO26
I/O/Z
reset. The PGPIO26 signal is configured as an input after reset.
EMIF chip-select for memory space CE2. EMIF.CE2 is selected when GPIO6 is
EMIF.CE2
O/Z
high during reset. The EMIF.CE2 signal is in a high-impedance state during reset
and is set to output after reset with an output value of 1.
Introduction
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com