Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 67Page - Texas Instruments TMS320VC5502 Datasheet HTML 68Page - Texas Instruments TMS320VC5502 Datasheet HTML 69Page - Texas Instruments TMS320VC5502 Datasheet HTML 70Page - Texas Instruments TMS320VC5502 Datasheet HTML 71Page - Texas Instruments TMS320VC5502 Datasheet HTML 72Page - Texas Instruments TMS320VC5502 Datasheet HTML 73Page - Texas Instruments TMS320VC5502 Datasheet HTML 74Page - Texas Instruments TMS320VC5502 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
3.11.2.4 EMIF Module Idle Procedure
The 5502 EMIF can be idled in one of two ways: through the ICR and through the PICR. The EMIF will go
into idle immediately if there is no data transfer taking place within the DMA. If there is a data transfer
taking place, then the EMIF will wait until the DMA finishes the current transfer and goes into idle before
going into idle itself. Please note that while the EMIF is in idle, the SDRAM refresh function of the EMIF
will not be available.
The 5502 EMIF can be idled through the ICR only when the following modules are set to idle: CPU, I-Port,
ICACHE, DMA, and HPI. To place the EMIF in idle using the ICR, execute the following procedure:
1. Write '1' to the DMA and HPI bits in MICR.
2. Write '1' to the CPUI, MPI, ICACHEI, EMIFI, and IPORTI bits in ICR.
3. Execute the IDLE instruction.
4. EMIF and all modules listed in Step 2 will go to idle.
The 5502 EMIF can also be idled through the PICR. To place the EMIF in idle using the PICR, execute
the following procedure:
1. Write a '1' to the EMIF bit in PICR.
2. Write a '1' to the PERI bit in ICR.
3. Execute IDLE instruction.
4. EMIF will go to IDLE.
3.11.2.5 IDLE2 Mode
In IDLE2 mode, all modules except the CLOCK module are set to idle state. To place the 5502 in IDLE2
mode, perform the following steps.
1. Write a '1' to all peripheral module bits in the PICR.
2. Write a '1' to the HPI and DMA bits in MICR.
3. Write a '1' to all domain bits in the ICR except the CLOCK domain bit (CLKI).
4. Execute the IDLE instruction.
5. All internal clocks will be disabled, the CLOCK module will remain active.
3.11.2.6 IDLE3 Mode
In IDLE3 mode, all modules (including the CLOCK module) are set to idle state. To place the 5502 in
IDLE3 mode, perform the following steps.
1. Clear (i.e., set to '0') the PLLEN bit in PLLCSR to place the PLL in bypass mode.
2. Set the PLLPWRDN and PLLRST bits in PLLCSR to '1'.
3. Write a '1' to all peripheral module bits in PICR (write 0x3FFF to PICR).
4. Write a '1' to the HPI and DMA bits in MICR (write 0x0003 to MICR).
5. Write a '1' to all domain bits and bit 9 in the ICR (write 0x03FF to ICR).
6. Execute the IDLE instruction.
7. PLL core is set to power-down mode and all internal clocks are disabled.
3.11.2.7 IDLE3 Mode With Internal Oscillator Disabled
In this state, all modules (including the CLOCK module) are set to the idle state and the internal oscillator
is set to the power-down mode. This is the lowest power-consuming state that 5502 can be placed under.
1. Clear (i.e., set to '0') the PLLEN bit in PLLCSR to place the PLL in bypass mode.
2. Set the PLLPWRDN, PLLRST, and OSCPWRDN bits in PLLCSR to '1'.
3. Set the WKEN register to specify which event will wake up internal oscillator [e.g., set bit 1 to have
interrupt 0 (INT0) wake up the oscillator]. (1)
(1)
Maskable external interrupts must be enabled through IER prior to setting the 5502 to IDLE.
Submit Documentation Feedback
Functional Overview
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com