Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 64Page - Texas Instruments TMS320VC5502 Datasheet HTML 65Page - Texas Instruments TMS320VC5502 Datasheet HTML 66Page - Texas Instruments TMS320VC5502 Datasheet HTML 67Page - Texas Instruments TMS320VC5502 Datasheet HTML 68Page - Texas Instruments TMS320VC5502 Datasheet HTML 69Page - Texas Instruments TMS320VC5502 Datasheet HTML 70Page - Texas Instruments TMS320VC5502 Datasheet HTML 71Page - Texas Instruments TMS320VC5502 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
3.10.5.10 CLKOUT Selection Register (CLKOUTSR)
As described in Section 3.10.2, Clock Groups, the 5502 has different clock groups, each of which can be
driven by a clock that is different from the CPU clock. The CLKOUT Selection Register determines which
clock signal is reflected on the CLKOUT pin.
15
8
Reserved
R, 00000000
7
3
2
1
0
Reserved
CLKOSEL
CLKOUTDIS
R, 00000
R/W, 01
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-24. CLKOUT Selection Register Layout (0x8400)
Table 3-22. CLKOUT Selection Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-3
R
0000000000000
Reserved
CLKOSEL
2:1
R/W
01
CLKOUT source-select
•
CLKOSEL = 00: Reserved
•
CLKOSEL = 01: CLKOUT source is SYSCLK1
•
CLKOSEL = 10: CLKOUT source is SYSCLK2
•
CLKOSEL = 11: CLKOUT source is SYSCLK3
CLKOUTDIS
0
R/W
0
Disable CLKOUT
•
CLKOUTDIS = 0: CLKOUT enabled
•
CLKOUTDIS = 1: CLKOUT disabled (driving 0)
3.10.5.11 Clock Mode Control Register (CLKMD)
15
8
Reserved
R, 00000000
7
1
0
Reserved
CLKMD0
R, 0000000
R/W, GPIO4
state at reset
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-25. Clock Mode Control Register Layout (0x8C00)
Table 3-23. Clock Mode Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-1
R
000000000000000
Reserved
CLKMD0
0
R/W
GPIO4 state at reset
Clock output source-select
•
CLKMD0 = 0: OSCOUT is selected as clock input source
•
CLKMD0 = 1: X2/CLKIN is selected as clock input source
Functional Overview
68
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com