Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 82Page - Texas Instruments TMS320VC5502 Datasheet HTML 83Page - Texas Instruments TMS320VC5502 Datasheet HTML 84Page - Texas Instruments TMS320VC5502 Datasheet HTML 85Page - Texas Instruments TMS320VC5502 Datasheet HTML 86Page - Texas Instruments TMS320VC5502 Datasheet HTML 87Page - Texas Instruments TMS320VC5502 Datasheet HTML 88Page - Texas Instruments TMS320VC5502 Datasheet HTML 89Page - Texas Instruments TMS320VC5502 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 190 page
background image
www.ti.com
3.12.2
Parallel Port General-Purpose I/O (PGPIO)
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Four address pins (A[21:18]), 16 data pins (D[31:16]), 16 control signals (C[15:0]), 8 host data pins
(HD[7:0]), and 2 HPI control pins (HC0, HC1) can be individually enabled as PGPIO when the
Parallel/Host Port Mux Mode bit field of the External Bus Selection Register (XBSR) is cleared for
non-multiplexed HPI mode (see Table 3-36). These pins are controlled by three sets of registers: the
PGPIO enable registers, the PGPIO direction registers, and the PGPIO data registers.
• The PGPIO enable registers PGPIOEN0-PGPIOEN2 (see Figure 3-34, Figure 3-37, and Figure 3-40)
determine if the output function of the PGPIO pins is enabled or disabled.
• The PGPIO direction registers PGPIODIR0-PGPIODIR2 (see Figure 3-35, Figure 3-38, and
Figure 3-41) determine if corresponding bits in the PGPIO data registers specify an output value or an
input value.
• The PGPIO data registers PGPIODAT0-PGPIODAT2 (see Figure 3-36, Figure 3-39, and Figure 3-42)
store the value read or written externally.
To use a PGPIO pin as an output, its corresponding bit must be set to 1 in both the enable and direction
registers. The state of the pin is then controlled through its bit in the data register. Conversely, to use a
PGPIO pin as an input, its corresponding bit must be cleared to 0 in both the enable and the direction
registers. The state of the pin can then be read from its bit in the data register.
NOTE
The enable registers PGPIOENn cannot override the External Bus Selection Register
(XBSR) setting.
Table 3-36. TMS320VC5502 PGPIO Cross-Reference
PARALLEL/HOST PORT MUX MODE = 0
PARALLEL/HOST PORT MUX MODE = 1
Pin
(HPI NON-MULTIPLEX)
(FULL EMIF)
EMIF Address Bus
A[21:18]
PGPIO[3:0]
EMIF.A[21:18]
EMIF Data Bus
D[31:16]
PGPIO[19:4]
EMIF.D[31:16]
EMIF Control Bus
C0
PGPIO20
EMIF.ARE/SADS/SDCAS/SRE
C1
PGPIO21
EMIF.AOE/SOE/SDRAS
C2
PGPIO22
EMIF.AWE/SWE/SDWE
C3
PGPIO23
EMIF.ARDY
C4
PGPIO24
EMIF.CE0
C5
PGPIO25
EMIF.CE1
C6
PGPIO26
EMIF.CE2
C7
PGPIO27
EMIF.CE3
C8
PGPIO28
EMIF.BE0
C9
PGPIO29
EMIF.BE1
C10
PGPIO30
EMIF.BE2
C11
PGPIO31
EMIF.BE3
C12
PGPIO32
EMIF.SDCKE
C13
PGPIO33
EMIF.SOE3
C14
PGPIO34
EMIF.HOLD
C15
PGPIO35
EMIF.HOLDA
Functional Overview
86
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com