Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 3Page - STMicroelectronics M58BF008 Datasheet HTML 4Page - STMicroelectronics M58BF008 Datasheet HTML 5Page - STMicroelectronics M58BF008 Datasheet HTML 6Page - STMicroelectronics M58BF008 Datasheet HTML 7Page - STMicroelectronics M58BF008 Datasheet HTML 8Page - STMicroelectronics M58BF008 Datasheet HTML 9Page - STMicroelectronics M58BF008 Datasheet HTML 10Page - STMicroelectronics M58BF008 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7/36
M58BF008
DEVICE OPERATIONS
See Table 4 for Asynchronous or Synchronous
Bus Operations.
In the Asynchronous mode the memory is selected
with Chip Enable E Low. The data outputs are en-
abled by Output Enable G Low or disabled by Out-
put Disable GD Low. Data is input by Write Enable
W Low.
In the Synchronous mode the memory latches ad-
dresses and data (input or output) on the rising
edge of the System Clock CLK. Burst address
latching is enabled by Load Burst Address LBA
Low with Write/Read WR Low for a write cycle or
High for a read cycle.
Data outputs are enabled for reading on the rising
edge of the System Clock CLK when Output En-
able G is low. Data is input on the rising edge of
the System Clock CLK when Write Enable W is
Low.
The memory is deselected and in standby mode
when Chip Enable E is High, and it is reset or in
power-down mode when Reset/Power-Down RP
is Low.
Read. Read operations are used to output the
contents of the memory, the Electronic Signature
or the Status Register. The data read depends on
the previous Instruction given to the memory.
Read operations can be Asynchronous or Syn-
chronous, with a single or burst read. On power-up
the device is in Asynchronous read mode, the In-
struction Asynchronous/Synchronous Read Tog-
gle ART can be used to enter the Synchronous
read mode.
– Asynchronous Read. To read a data Double-
Word in Asynchronous mode the address inputs
must be stable and Chip Enable E must be Low
during the read cycle. Output Enable G must be
Low and Output Disable GD High. The Load
Burst Address LBA is Don’t Care, but its falling
edge will start a new read cycle.
Table 4. Bus Operations
(1,2)
Note: 1. See Device Operations, Instructions and Commands, sections for more details.
2. X=VIL or VIH.
Table 5. Read Electronic Signature
Note: ”x” = version level. The first version is ”0” and it can have a value up to ”7”.
Operation
RP
CLK
E
LBA
WR
W
GD
G
DQ0-DQ31
Asynchronous Read
VIH
X
VIL
XX
VIH
VIH
VIL
Data Output
Asynchronous Write
VIH
X
VIL
XX
VIL
VIH
VIH
Data Input
Synchronous Read
VIH
VIL
VIH
VIH
X
VIH
VIL
Data Output
Synchronous Write Address for
Read
VIH
VIL
VIL
VIH
X
VIH
VIH
X
Synchronous Write Address for
Command
VIH
VIL
VIL
VIL
XVIH
VIH
X
Synchronous Data Write
VIH
VIL
VIH
VIH
VIL
VIH
VIH
Data Input
Output Disabled by G
VIH
X
VIL
XXX
VIH
VIH
Hi-Z
Output Disabled by GD
VIH
X
VIL
XXX
VIL
X
Hi-Z
Standby
VIH
X
VIH
XXXXX
Hi-Z
Reset / Power-down
VIL
X
X
XXXXX
Hi-Z
Code
RP
E
G
W
A0
A1
A2-A17
DQ0-DQ31
Manufacturer
VIH
VIL
VIL
VIH
VIL
VIL
Don’t Care
00000020h
Device
VIH
VIL
VIL
VIH
VIH
VIL
Don’t Care
000000F0h
Version
VIH
VIL
VIL
VIH
VIL
VIH
Don’t Care
0000000xh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com