Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 22Page - STMicroelectronics M58BF008 Datasheet HTML 23Page - STMicroelectronics M58BF008 Datasheet HTML 24Page - STMicroelectronics M58BF008 Datasheet HTML 25Page - STMicroelectronics M58BF008 Datasheet HTML 26Page - STMicroelectronics M58BF008 Datasheet HTML 27Page - STMicroelectronics M58BF008 Datasheet HTML 28Page - STMicroelectronics M58BF008 Datasheet HTML 29Page - STMicroelectronics M58BF008 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
M58BF008
26/36
Figure 12. Program Flowchart and Pseudo Code
Note: 1. If an error is found, the Status Register must be cleared (CLRS instruction) before further P/E.C. operations.
Write 40h/04h
Command
AI02663
Start
Write Address
& Data
Read Status
Register
YES
NO
b7=1
YES
NO
b3=0
NO
b4=0
VPP Invalid
Error (1)
Program
Error (1)
PG/OBPG instructions:
– write 40h/04h command
– write Address & Data
(memory enters read status
state after the PG instruction)
do:
– read status register
(E or G must be toggled)
while b7 = 1
If b3 = 1, VPP invalid error:
– error handler
If b4 = 1, Program error:
– error handler
YES
End
Table 21. Program, Erase Times and Program/Erase Endurance Cycles
(TA = –40 to 125°C; VDD =5V ± 10% and VDDQ = 3.3V ± 0.3V)
Parameter
Test Condition s
Min
Typ
Max
Unit
Main/Overlay Block Program Time
VPP =VPPH
0.14
1.4
sec
VPP =VPP1
0.18
1.8
sec
Main/Overlay Block Erase Time
VPP =VPPH
0.21
2.1
sec
VPP =VPP1
0.33
3.3
sec
Program/Erase Cycles (per Block)
VPP =VPPH
1,000
cycles
VPP =VPP1
10,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com