Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 4Page - STMicroelectronics M58BF008 Datasheet HTML 5Page - STMicroelectronics M58BF008 Datasheet HTML 6Page - STMicroelectronics M58BF008 Datasheet HTML 7Page - STMicroelectronics M58BF008 Datasheet HTML 8Page - STMicroelectronics M58BF008 Datasheet HTML 9Page - STMicroelectronics M58BF008 Datasheet HTML 10Page - STMicroelectronics M58BF008 Datasheet HTML 11Page - STMicroelectronics M58BF008 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
M58BF008
8/36
– Synchronous Single Read. To read a single
data Double-Word in Synchronous mode Chip
Enable E must be Low. Load Burst Address
LBA must be Low for one System Clock CLK ris-
ing edge with Write/Read WR High. This latches
the read address, after which the address bus
inputs are Don’t Care. The Output Enable G is
Low for a single System Clock CLK cycle. The
Double-Word of valid data is output on the next
System Clock CLK rising edge.
– Synchronous Burst Read. To read a burst of
four Double-Words in Synchronous mode Chip
Enable /E must be Low. Load Burst Address
LBA must be Low for one System Clock CLK ris-
ing edge with Write/Read WR High. This latches
the first address of the burst sequence, after
which the address bus inputs are Don’t Care.
The Output Enable G is driven Low before the
burst output sequence. Four Double-Words of
data are output on the subsequent System
Clock CLK rising edges if Burst Address Ad-
vance BAA is maintained Low. The address ad-
vance for synchronous burst read is suspended
if Burst Address Advance BAA goes High and
the output data remains constant. The data bus
will go high impedance on the rising edge of the
System Clock CLK after Output Enable G goes
High.
The burst timing depends on the device config-
uration for the Critical Word X and Burst Word Y
latency times and the choice of wrap or no-wrap
for burst addresses. The operation burst wrap is
shown in Table 13. The wrap sequence uses
only the address bits A0 and A1 and does not
repeat after the last Double-Word has been out-
put.
Read Overlay Block. The Overlay block can be
read, as for a Main block, after it has been en-
abled. To enable the Overlay block the Overlay
Block Enable bit OBEB and the Overlay Block Sta-
tus bit OBS in the Status Register must be set to
’1’ - see Table 9.
The Overlay Block Enable bit OBEB can be set to
’1’ in three ways - see Table 10:
– By Toggling the Reset/Power-Down signal RP
with the VPP Program/Erase supply in the range
VPP1 or VPPH.VPP out of range will reset the
OBEB bit to ’0’.
– By a leaving power-on reset with VPP Program/
Erase supply in the range VPP1 or VPPH.VPP out
of range will reset the OBEB bit to ’0’.
– By giving the Overlay Block Enable/Disable for
Read Instruction OBT.
The Overlay Block Status bit OBS monitors the
VPP Program/Erase supply and will be set to ’1’
when in the range VPP1 or VPPH. The Overlay
block is enabled with OBEB at ’1’ but will not be
read unless OBS status bit is also at ’1’. If it is not
then a read operation will read the contents of the
Main block at the same address.
When the Overlay block is enabled for reading,
only this one block of 256 Kbit is accesible and
none of the other Main blocks may be accessed,
the address signals A13-A17 are Don’t Care.
Read Electronic Signature. The memory con-
tains three Electronic Signature codes identifying
the manufacturer, device and version, which can
be read after giving the Instruction RSIG. The
manufacturer code 00000020h is read when the
address inputs A0 and A1 are at VIL. The device
code 000000F0h is read when A0 is at VIH and A1
is at VIL. The version code 0000000xh is read
when A0 is at VIL and A1 is at VIH. The codes are
read on DQ0-DQ31, all other address signal inputs
are Don’t Care. See Table 5.
Write. Write operations are used to give com-
mands to the memory that latch input data and ad-
dresses to program or block addresses to erase.
– Asynchronous Write. To write data in the
Asynchronous mode the address inputs must
be stable and Chip Enable E must be Low dur-
ing the write cycle. Write W must be Low and in-
put data valid on the rising edge is Write W.
– Synchronous Write. To write input data in
Synchronous mode Chip Enable E must be
Low. Load Burst Address LBA must be Low for
one System Clock CLK rising edge with Write/
Read WR Low. This latches the write address,
after which the address bus inputs are Don’t
Care. When Write Enable W is Low input data is
latched on the next System Clock CLK rising
edge.
Output Disable. The data outputs are high im-
pedance when the Output Enable G is High or
when the Output Disable GD is Low, independent
of the level on Output Enable G.
Standby. The memory is in standby when the P/
E.C. is not running, the memory is in read mode
and Chip Enable E is High. The power consump-
tion is reduced to the standby level and the outputs
are high impedance, independent of the Output
Enable G or Write Enable W inputs.
If Chip Enable goes High during a program or
erase operation the device enters the standby
mode when the internal algorithm has finished.
Reset/Power-down. During power-down all in-
ternal circuits are switched off, the memory is de-
selected and the outputs are high impedance. The
memory is in Power-down mode when Reset/Pow-
er-down RP is Low. The power consumption is re-
duced to the power-down level, independent of the
Chip Enable E, Load Burst Address LBA, Output
Enable G or Write Enable W inputs.
If Reset/Power-down RP is pulled Low during a
program or erase operation this is aborted and the
memory content is no longer valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com