Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 17Page - STMicroelectronics M58BF008 Datasheet HTML 18Page - STMicroelectronics M58BF008 Datasheet HTML 19Page - STMicroelectronics M58BF008 Datasheet HTML 20Page - STMicroelectronics M58BF008 Datasheet HTML 21Page - STMicroelectronics M58BF008 Datasheet HTML 22Page - STMicroelectronics M58BF008 Datasheet HTML 23Page - STMicroelectronics M58BF008 Datasheet HTML 24Page - STMicroelectronics M58BF008 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21/36
M58BF008
Table 18. Asynchronous Write AC Characteristics (1)
(TA = –40 to 125°C; VDD =5V ± 10% and VDDQ = 3.3V ± 0.3V)
Note: 1. See AC Testing Measurement conditions for timi ng measurements.
2. Sampled only, not 100% tested.
3. Time is measured to Status Register Read giving bit b7 = ’1’.
Symbol
Alt
Parameter
Min
Max
Unit
tAVAV
tWC
Write Cycle Time
70
ns
tAVWH
tAS
Address Valid to Write Enable High
70
ns
tDVWH
tDS
Data Valid to Write Enable High
70
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
ns
tPHWL
tPS
Reset/Power-down High to Write Enable Low
70
ns
tQVVPL
(2)
Output Valid to VPP out of the range VPP1 or VPPH
0ns
tVPHWH
(2)
tVPS
VPP High to Write Enable High
200
ns
tWHAX
tAH
Write Enable High to Address Transition
0
ns
tWHDX
tDH
Write Enable High to Data Transition
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
0
ns
tWHQV1
(3)
Write Enable High to Output Valid, Program
10
µs
tWHQV2
(3)
Write Enable High to Output Valid, Erase
2.1
sec
tWHWL
tWPH
Write Enable High to Write Enable Low
30
ns
tWLWH
tWP
Write Enable Low to Write Enable High
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com