Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 7Page - STMicroelectronics M58BF008 Datasheet HTML 8Page - STMicroelectronics M58BF008 Datasheet HTML 9Page - STMicroelectronics M58BF008 Datasheet HTML 10Page - STMicroelectronics M58BF008 Datasheet HTML 11Page - STMicroelectronics M58BF008 Datasheet HTML 12Page - STMicroelectronics M58BF008 Datasheet HTML 13Page - STMicroelectronics M58BF008 Datasheet HTML 14Page - STMicroelectronics M58BF008 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11/36
M58BF008
Table 8. Status Register Bits
Mne-
monic
Bit
Name
Logic
Level
Definiti on
Note
P/ECS
7
P/E.C. Status
’1’
Ready
Indicates the P/E.C. status, check during
Program or Erase
’0’
Busy
PESS
6
Program/Erase
Suspend Status
‘1’
Suspend
On Program/Erase Suspend instruction both
P/ECS and PESS bits are set to ‘1’.
Either ES bit or PS bit is set to ‘1’.
PESS and either ES or PS bits remain at ‘1’
until Erase Resume instruction is given.
‘0’
In Progress or
Completed
ES
5
Erase Status
’1’
Erase Error or
Erase Suspend
ES bit is set to ‘1’ if either PESS instruction is
given or Erase operation fails. If ES bit is ‘1’,
check PESS bit.
’0’
Erase Success
PS
4
Program Status
’1’
Program Error or
Program Suspend
PS bit is set to ‘1’ if either PESS instruction is
given or Program operation fails. If PS bit is ‘1’,
check PESS bit.
’0’
Program Success
VPPS
3
VPP Status
’1’
VPP Invalid
VPPS bit is set to ‘1’ if initially VPP is not VPPH
nor VPP1, when Program or Erase Instruction
are executed.
’0’
VPP OK
Reserved
2
OBEB
1
Overlay Block
Enable Bit
’1’
Enabled
OBEB bit is set to ‘1’ when Overlay Block is
Enabled.
’0’
Disabled
OBS
0
Overlay Block
Status
’1’
Activated
OBS bit is set to ‘1’ when OBEB is ‘1’ and VPP
is in the range VPP1 or VPPH.
’0’
Not Activated
Erase (EE). The Erase instruction consists of two
write cycles, the first is the erase set-up command
20h at the address 00000h. This is followed by the
Erase Confirm command D0h written to an ad-
dress within the block to be erased. If the second
is not the Erase Confirm command the Status
Register bits 4 and 5 are set to ’1’ and the instruc-
tion aborts. While erasing is in progress only the
Read Status Register and Erase Suspend instruc-
tions are valid.
Blocks are erased one at a time. An erase opera-
tion sets all bits in a block to ’1’. The erase algo-
rithm automatically programs all bits to ’0’ before
erasing the block to all ’1’s.
Read operations output the Status Register after
the erase operation has started. The Status Reg-
ister bit 7 is ’0’ while the erase is in progress and is
set to ’1’ when it is completed. After completion the
Status Register bit 5 is set to ’1’ if there has been
an erase failure.
Erasure should not be attempted when the VPP
Program/Erase Supply Voltage is out of the range
VPP1 or VPPH as the results will be uncertain. The
Status Register bit 3 is set to ’1’ if VPP is not within
the allowed ranges when erasing is attempted or if
it falls out of the ranges during erase execution.
The erase operation aborts if VPP drops out of the
allowed range or if Reset/Power-down RP falls to
VIL. As data integrity cannot be guaranteed when
the erase operation is aborted, the erase must be
repeated.
A Clear Status Register instruction must be given
to clear the Status Register bits.
Overlay Block Erase (OBEE). The
Overlay
Block Erase instruction consists of two write cy-
cles, the first is the Overlay block erase set-up
command 02h at the address 00000h. This is fol-
lowed by the Overlay Block Erase Confirm com-
mand 0Dh written to an address within the Overlay
block. If the second is not the Overlay Block Erase
Confirm command the Status Register bit 5 is set
to ’1’ and the instruction aborts. While erasing is in
progress only the Read Status Register instruction
is valid.
The operation is executed as described for the
Erase (EE) instruction of the Main memory array.
A Clear Status Register instruction must be given
to clear the Status Register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com