Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 35 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 28Page - STMicroelectronics M58BF008 Datasheet HTML 29Page - STMicroelectronics M58BF008 Datasheet HTML 30Page - STMicroelectronics M58BF008 Datasheet HTML 31Page - STMicroelectronics M58BF008 Datasheet HTML 32Page - STMicroelectronics M58BF008 Datasheet HTML 33Page - STMicroelectronics M58BF008 Datasheet HTML 34Page - STMicroelectronics M58BF008 Datasheet HTML 35Page - STMicroelectronics M58BF008 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
35/36
M58BF008
Table 24. LBGA80 - 10 x 8 balls, 1mm pitch, Package Mechanical Data
Symbol
mm
inch
Typ
Min
Max
Typ
Min
Max
A
1.700
0.0669
A1
0.400
0.350
0.450
0.0157
0.0138
0.0177
A2
1.100
0.0433
b
0.500
–
–
0.0197
–
–
D
12.000
–
–
0.4724
–
–
D1
9.000
–
–
0.3543
–
–
ddd
0.150
0.0059
e
1.000
–
–
0.0394
–
–
E
10.000
–
–
0.3937
–
–
E1
7.000
–
–
0.2756
–
–
FD
1.500
–
–
0.0591
–
–
FE
1.500
–
–
0.0591
–
–
SD
0.500
–
–
0.0197
–
–
SE
0.500
–
–
0.0197
–
–
Figure 20. LBGA80 - 10 x 8 balls, 1mm pitch, Bottom View Package Outline
Drawing is not to scale.
D1
D
E1
E
eb
A2
A1
A
BGA-Z05
ddd
FE
FD
SE
SD
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com