Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 10Page - STMicroelectronics M58BF008 Datasheet HTML 11Page - STMicroelectronics M58BF008 Datasheet HTML 12Page - STMicroelectronics M58BF008 Datasheet HTML 13Page - STMicroelectronics M58BF008 Datasheet HTML 14Page - STMicroelectronics M58BF008 Datasheet HTML 15Page - STMicroelectronics M58BF008 Datasheet HTML 16Page - STMicroelectronics M58BF008 Datasheet HTML 17Page - STMicroelectronics M58BF008 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
M58BF008
14/36
CONFIGURATION
The M58BF008 is configured during testing which
sets the default for the write and burst interface.
The settings are:
Write Interface. The write interface can be set
permanently to either Asynchronous or Synchro-
nous. Note that the read interface is not affected
by this configuration and defaults to Asynchronous
read at power-up, it can be toggled to Synchro-
nous read and back using the Asynchronous/Syn-
chronous Read Toggle Instruction.
Wrap/No-Wrap. The burst function can be set to
default to wrap or no-wrap. The behaviour is
shown in Table 13. Wrap/No-wrap can be toggled
using the Wrap/No-wrap Burst Toggle Instruction.
Critical Word and Burst Word Latency Times.
The Critical Word and Burst Word latency times
can be set permanently to
– Critical Word Latency Time X = 3 or 4
– Burst Word Latency Time Y = 1 or 2
A burst sequence is described as X-Y-Y-Y.
Table 11. Configuration
Table 12. Wrap/No-wrap Burst Sequence
Name
Option 1
Optio n 2
Write Interface
Synchronous
Asynchronous
Wrap/No-wrap Burst
Wrap
No-wrap
Critical Word Latency Time (X)
43
Burst Word Latency Time (Y)
12
First Burst Address A1-A0
Data Wrap
Data No-wrap
00
Double-Word 0
⇒ 1 ⇒ 2 ⇒ 3
Double-Word 0
⇒ 1 ⇒ 2 ⇒ 3
01
Double-Word 1
⇒ 2 ⇒ 3 ⇒ 0
Double-Word 1
⇒ 2 ⇒ 3
10
Double-Word 2
⇒ 3 ⇒ 0 ⇒ 1
Double-Word 2
⇒ 3
11
Double-Word 3
⇒ 0 ⇒ 1 ⇒ 2
Double-Word 3
POWER SUPPLY
The M58BF008 places itself in one of three differ-
ent modes depending on the status of the control
signals which define decreasing levels of current
consumption. This minimises the memory power
consumption, allowing an overall decrease in the
system power consumption without affecting per-
formance. A different recovery time is, however,
linked to the different modes - see the AC timing
tables.
Active Power mode. When Chip Enable E is at
VIL and Reset/Power-Down RP is at VIH the mem-
ory is in Active Power mode. The DC characteris-
tics tables show the current consumption figures.
Standby mode. Refer to the Device Operating
section
Power-Down mode. Refer to the Device Operat-
ing section.
Power Up. The VDD Supply Voltage, VDDQ Input/
Output Supply Voltage and the VPP Program/
Erase Supply Voltage can be applied in any order.
The memory Command Interface is reset on pow-
er-up to Read Memory Array, but a negative tran-
sition on Chip Enable E or a change of the
addresses is required to ensure valid data is out-
put.
Care must be taken to avoid writes to the memory
when the VDD Supply Voltage is above VLKO and
VPP Program/Erase Supply Voltage powers-up
first. Writes can be inhibited by driving either Write
Enable W or Write/Read WR to VIH.
The memory is disabled until Reset/Power-Down
RP is up to VIH.
SUPPLY RAILS
Normal precautions must be taken for supply rail
decoupling. Each device in a system should have
the VDD,VDDQ and VPP rails decoupled with a
0.1
µF capacitor close to the package pins. PCB
track widths should be sufficient to carry the re-
quired program and erase currents on the VPP
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com