Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 19Page - STMicroelectronics M58BF008 Datasheet HTML 20Page - STMicroelectronics M58BF008 Datasheet HTML 21Page - STMicroelectronics M58BF008 Datasheet HTML 22Page - STMicroelectronics M58BF008 Datasheet HTML 23Page - STMicroelectronics M58BF008 Datasheet HTML 24Page - STMicroelectronics M58BF008 Datasheet HTML 25Page - STMicroelectronics M58BF008 Datasheet HTML 26Page - STMicroelectronics M58BF008 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23/36
M58BF008
Table 19. Synchronous Write AC Characteristics (1)
(TA = –40 to 125°C; VDD =5V ± 10% and VDDQ = 3.3V ± 0.3V)
Note: 1. See AC Testing Measurement conditions for timi ng measurements.
2. Sampled only, not 100% tested.
3. Time is measured to Status Register Read giving bit b7 = ’1’.
Symbol
Parameter
Min
Max
Unit
DCCLK
System Clock Duty Cycle
45
55
%
tAVCH
(2)
Address Valid to System Clock High
10
ns
tBLCH
(2)
Load Burst Address Low to System Clock High
10
ns
tCHAX
(2)
System Clock High to Address Transition
5
ns
tCHBH
(2)
System Clock High to Load Burst Address High
5
ns
tCHCL
System Clock Fall Time
3
ns
tCHQV1
(3)
System Clock High to Output Valid, Program
10
µs
tCHQV2
(3)
System Clock High to Output Valid, Erase
2.1
sec
tCHQX
(2)
System Clock High to Data Transition
5
ns
tCHWH
(2)
System Clock High to Write/Read High
5
ns
tCHWRH
(2)
System Clock High to Write Enable High
5
ns
tCLCH
System Clock Rise Time
3
ns
tCLCL
System Clock Period
25
ns
tELCH
Chip Enable Low to System Clock High
20
ns
tPHCH
Reset/Power-down High to System Clock High
200
ns
tQVCH
(2)
Data Valid to System Clock High
10
ns
tQVVPL
(2)
Output Valid to VPP out of range VPP1 or VPPH
0ns
tVPHCH
(2)
VPP High to System Clock High
200
ns
tWLCH
(2)
Write Enable Low to System Clock High
10
ns
tWRLCH
(2)
Write/Read Low to System Clock High
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com