Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 14Page - STMicroelectronics M58BF008 Datasheet HTML 15Page - STMicroelectronics M58BF008 Datasheet HTML 16Page - STMicroelectronics M58BF008 Datasheet HTML 17Page - STMicroelectronics M58BF008 Datasheet HTML 18Page - STMicroelectronics M58BF008 Datasheet HTML 19Page - STMicroelectronics M58BF008 Datasheet HTML 20Page - STMicroelectronics M58BF008 Datasheet HTML 21Page - STMicroelectronics M58BF008 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
M58BF008
18/36
Table 17. Synchronous Read AC Characteristics (1)
(TA = –40 to 125°C; VDD =5V ± 10% and VDDQ = 3.3V ± 0.3V)
Note: 1. See AC Testing Measurement Conditions for timing measurements.
2. Sampled only, not 100% tested.
Symbol
Parameter
Min
Max
Unit
DCCLK
System Clock Duty Cycle
45
55
%
tAVCH
(2)
Address Valid to System Clock High
10
ns
tBALCH
Burst Address Advance Low to System Clock High
10
ns
tBLCH
(2)
Load Burst Address Low to System Clock High
10
ns
tCHAX
(2)
System Clock High to Address Transition
5
ns
tCHBH
(2)
System Clock High to Load Burst Address High
5
ns
tCHCL
System Clock Fall Time
3
ns
tCHGDH
(2)
System Clock High to Output Disable High
5
ns
tCHGH
(2)
System Clock High to Output Enable High
5
ns
tCHQV
(2)
System Clock High to Data Valid
20
ns
tCHQX1
(2)
System Clock High to Data Transition
0
ns
tCHQX2
(2)
System Clock High to Data Transition
5
ns
tCHQZ
(2)
System Clock High to Data Hi-Z
20
ns
tCLCH
System Clock Rise Time
3
ns
tCLCL
System Clock Period
25
ns
tELCH
Chip Enable Low to System Clock High
20
ns
tGDLCH
(2)
Output Disable Low to System Clock High
10
ns
tGLCH
(2)
Output Enable Low to System Clock High
10
ns
tPHBL
Reset/Power-down High to Load Burst Address Low
20
ns
tWRHCH
Write/Read High to System Clock High
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com