Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 1 Page - STMicroelectronics

  M58BF008 Datasheet HTML 1Page - STMicroelectronics M58BF008 Datasheet HTML 2Page - STMicroelectronics M58BF008 Datasheet HTML 3Page - STMicroelectronics M58BF008 Datasheet HTML 4Page - STMicroelectronics M58BF008 Datasheet HTML 5Page - STMicroelectronics M58BF008 Datasheet HTML 6Page - STMicroelectronics M58BF008 Datasheet HTML 7Page - STMicroelectronics M58BF008 Datasheet HTML 8Page - STMicroelectronics M58BF008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1/36
PRELIMINARY DATA
February 2000
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M58BF008
8 Mbit (256Kb x32, Burst) Flash Memory
s
SUPPLY VOLTAGE
–VDD = 5V Supply Voltage
–VDDQ = 3.3V Input/Output Supply Voltage
– Optional VPP = 12V for fast Program and Erase
s
CONFIGURABLE OPTIONS
– Synchronous or Asynchronous write mode
– Burst Wrap/No-wrap default
– Critical Word X (3 or 4) and Burst Word
Y (1 or 2) latency times
s
ACCESS TIME
– Synchronous X-Y-Y-Y Burst Read
up to 40MHz
– Asynchronous Read: 100ns
s
PROGRAMMING TIME: 10
µs typical
s
MEMORY BLOCKS
– 32 equal Main blocks of 256 Kbit
– One Overlay block of 256 Kbit
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: F0h
– Version Code: 0-7h
DESCRIPTION
The M58BF008 is a family of 8 Mbit non-volatile
Flash memories that can be erased electrically at
the block level and programmed in-system. Family
members are configured during product testing for
a specific Synchronous or Asynchronous Write
mode, a Burst default of Wrap or No-wrap and for
Critical Word X = 3 or 4 and Burst Word Y = 1 or 2
latency times. The Main memory array matrix al-
lows each of the 32 equal blocks of 256 Kbit to be
erased separately and re-programmed without af-
fecting other blocks. The memory features a
256 Kbit Overlay block having the same address
space as the first Main memory block. The Overlay
block provides a secure storage area that is con-
trolled by special Instructions and an external in-
put. A separate supply VDDQ allows the Input/
Output signals to be at 3.3V levels, while the main
supply VDD is 5V.
Figure 1. Logic Diagram
18
A17-A0
CLK
DQ31-DQ0
VDD
E
VSS
32
LBA
WR
VDDQ VPP
W
G
GD
BAA
RP
AI02656B
VSSQ
M58BF008
BGA
LBGA80 (ZA)
10 x 8 solder balls
PQFP80 (D)


Similar Part No. - M58BF008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016BB STMICROELECTRONICS-M58BW016BB Datasheet
895Kb / 63P
16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
13-May-2003
M58BW016BB100T3T STMICROELECTRONICS-M58BW016BB100T3T Datasheet
895Kb / 63P
16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
13-May-2003
M58BW016BB100T6T STMICROELECTRONICS-M58BW016BB100T6T Datasheet
895Kb / 63P
16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
13-May-2003
M58BW016BB100ZA3T STMICROELECTRONICS-M58BW016BB100ZA3T Datasheet
895Kb / 63P
16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
13-May-2003
M58BW016BB100ZA6T STMICROELECTRONICS-M58BW016BB100ZA6T Datasheet
895Kb / 63P
16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
13-May-2003
More results

Similar Description - M58BF008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002BT STMICROELECTRONICS-M29F002BT Datasheet
189Kb / 22P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
22-Apr-2002
M29F002T STMICROELECTRONICS-M29F002T Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
13-May-2003
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
8 MBIT(1 MBIT x 8) FLASH MEMORY
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
STMicroelectronics
M28R400CT120ZB6 STMICROELECTRONICS-M28R400CT120ZB6 Datasheet
863Kb / 48P
4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
15-Jun-2004
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
05-Nov-2004
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
23-Nov-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com