Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 9Page - STMicroelectronics M58BF008 Datasheet HTML 10Page - STMicroelectronics M58BF008 Datasheet HTML 11Page - STMicroelectronics M58BF008 Datasheet HTML 12Page - STMicroelectronics M58BF008 Datasheet HTML 13Page - STMicroelectronics M58BF008 Datasheet HTML 14Page - STMicroelectronics M58BF008 Datasheet HTML 15Page - STMicroelectronics M58BF008 Datasheet HTML 16Page - STMicroelectronics M58BF008 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13/36
M58BF008
Wrap/No-wrap Burst Toggle (WBT). The
de-
fault for burst read is set by the device configura-
tion. The Wrap/No-wrap Burst Toggle can be used
to toggle the burst wrap operation.
The Wrap/No-wrap Burst Toggle instruction con-
sists of one write cycle giving the command 30h at
the address 00000h. Two consecutive instructions
are not recognised and another Instruction, for ex-
ample the Read Memory Array, must be given be-
fore another Wrap/No-wrap Burst Toggle will be
recognised.
Overlay Block Read Enable/Disable Toggle
(OBT). Read operations in the Overlay block can
be enabled or disabled using the Overlay Block
Read Enable/Disable Toggle instruction. This tog-
gle instruction consists of one write cycle giving
the command 06h at the address 00000h. Two
consecutive instructions are not recognised.
The Status Register bit 1 is set to ’1’ when the
Overlay block is enabled.
Table 9. Read Access to Overlay Block or Main Block
Table 10. Overlay Block Enable/Disable Bit (OBEB)
Note: 1. Toggle H-L-H for tPLPH minimum.
OBEB Status Bit
VPP
OBS Status Bit
Read Access
1
In the range VPP1 or VPPH
1
Overlay Block
1
Out of the range
VPP1 or VPPH
0
Main Block
0
X
0
Main Block
1
Unknown
Not guaranteed
Unknown
OBEB Status Bit
Method
VPP
Prior state of
OBEB
Next state of
OBEB
Toggle RP (1)
In the range
VPP1 or VPPH
X1
Out of the range
VPP1 or VPPH
X0
Power-on-reset
In the range
VPP1 or VPPH
X1
Out of the range
VPP1 or VPPH
X0
Overlay Block Read Enable/Disable instruction OBT
–0
1
–1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com