Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 21Page - STMicroelectronics M58BF008 Datasheet HTML 22Page - STMicroelectronics M58BF008 Datasheet HTML 23Page - STMicroelectronics M58BF008 Datasheet HTML 24Page - STMicroelectronics M58BF008 Datasheet HTML 25Page - STMicroelectronics M58BF008 Datasheet HTML 26Page - STMicroelectronics M58BF008 Datasheet HTML 27Page - STMicroelectronics M58BF008 Datasheet HTML 28Page - STMicroelectronics M58BF008 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25/36
M58BF008
Figure 11. Reset/Power-down AC Waveforms
AI00624
tPHQV
tPHBL1
RP
tPLPH
≤
RP
tPLPH
Reset during Read Mode
Reset during Program with tPLPH
tPLRH
tPLRH
tPHWL
tPHEL
tPHBL1
Abort
Complete
RP
tPLPH
Reset during Program/Erase with tPLPH >tPLRH
tPLRH
tPHWL
tPHEL
tPHBL2
Abort
Complete
Power
Down
Table 20. Reset/Power-down AC Characteristics
(TA = –40 to 125°C; VDD =5V ± 10% and VDDQ = 3.3V ± 0.3V)
Note: 1. The device Reset is possible but not guaranteed if tPLPH < 100ns.
A Reset will complete within 100ns if RP is Low while not in Program or Erase.
Mode
Symbol
Parameter
Min
Max
Unit
Async
tPHEL
Reset/Power-down High to Chip Enable Low
70
ns
tPHQV
Reset/Power-down High to Output Valid
100
ns
tPHWL
Reset/Power-down High to Write Enable Low
70
ns
tPLPH
(1)
Reset/Power-down Pulse Width
100
ns
tPLRH
Reset/Power-down Low to Program Erase Abort
22
µs
Sync
tPHBL1
Reset/Power-down High to Load Burst Address Low
20
ns
tPHBL2
Reset/Power-down High to Load Burst Address Low
22
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com