Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 2Page - STMicroelectronics M58BF008 Datasheet HTML 3Page - STMicroelectronics M58BF008 Datasheet HTML 4Page - STMicroelectronics M58BF008 Datasheet HTML 5Page - STMicroelectronics M58BF008 Datasheet HTML 6Page - STMicroelectronics M58BF008 Datasheet HTML 7Page - STMicroelectronics M58BF008 Datasheet HTML 8Page - STMicroelectronics M58BF008 Datasheet HTML 9Page - STMicroelectronics M58BF008 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
M58BF008
6/36
System Clock (CLK). All synchronous signals
are input and output relative to the System Clock.
Synchronous input signals must respect the set-
up and hold times relative to the System Clock ris-
ing edge.
Reset/Power-down (RP). The
Reset/Power-
down RP input provides a hardware reset for the
memory. When Reset/Power-down RP is at VIL
the memory is reset and in the Power-down mode.
In this mode the outputs are high impedance and
the current consumption is minimised. When Re-
set/Power-down RP is at VIH the memory is in the
normal operating mode. When leaving the Power-
down mode the memory enters the Asynchronous
Read Array mode.
Reset/Power-down has a weak pull-up resistor to
VDDQ and will assume a high level if not connect-
ed.
Chip Enable (E). When the Chip Enable E input
is at VIL it activates the memory control logic, input
buffers, decoders and sense amplifiers. When
Chip Enable E is at VIH the memory is deselected
and the power consumption is reduced to the
standby level.
Output Enable (G). Output Enable G controls the
data output buffers. In the Asynchronous mode
data is output when Output Enable G is at VIL.In
the Synchronous mode, Output Enable G is sam-
pled on the rising edge of the System Clock CLK.
If Output Enable E is at VIL then valid output data
on DQ0-DQ31 can be read at the next rising edge
of the System Clock CLK.
Output Disable (GD). In
the
Asynchronous
mode the data outputs DQ0-DQ31 are high imped-
ance when Output Disable GD is at VIL, irrespec-
tive of the state of Output Enable G. In
Synchronous mode Output Disable GD is sam-
pled, together with Output Enable G, on the rising
edge of the System Clock CLK. If Output Disable
is at VIL then the data outputs DQ0-DQ31 are high
impedance at the next rising edge of the System
Clock CLK, irrespective of the state of Output En-
able G.
Output Disable has a weak pull-up resistor to
VDDQ and will assume a high level if not externally
connected.
Write Enable (W). The Write Enable W input
controls the writing of commands or input data. In
the Asynchronous mode commands or data are
written when Chip Enable E and Write Enable W
are at VIL. In the Synchronous mode with Chip En-
able E at VIL, input data is sampled if Write Enable
Wis at VIL on the rising edge of the System Clock
CLK.
Load Burst Address (LBA). In
the
Asynchro-
nous mode Load Burst Address LBA is Don’t Care
(but if it falls during an asynchronous read then a
new read cycle is started). In the Synchronous
mode Load Burst Address LBA enables latching of
the burst starting address for Synchronous read or
write. The address is latched on the rising edge of
the System Clock CLK if Load Burst Address LBA
is at VIL.
Write/Read (WR). Write/Read WR is used in
Synchronous mode to control write or read opera-
tions. If Load Burst Address LBA is at VIL and
Write/Read is at VIL then the rising edge of the
System Clock CLK latches a write address. If
Write/Read is at VIH then a read address is
latched.
Write/Read has a weak pull-up resistor to VDDQ
and will assume a high level if not externally con-
nected.
Burst Address Advance (BAA). When
Burst
Address Advance BAA is at VIL, the rising edge of
the System Clock CLK advances the burst ad-
dress. When Burst Address Advance BAA is at VIH
the advance is suspended.
VDD Supply Voltage. The supply VDD provides
the power to the internal circuits of the memory.
The VDD supply voltage is 4.5 to 5.5V.
VDDQ Input/Output Supply Voltage. The Input/
Output supply VDDQ provides the power for the in-
put/outputs of the memory, independent from the
supply VDD. The Input/Output supply VDDQ may
be connected to the VDD supply or it can use a
separate supply of 3.0 to 3.6V.
VPP Program/Erase Supply Voltage. The Pro-
gram/Erase supply VPP is used for programming
and erase operations. The memory normally exe-
cutes program and erase operations at the supply
VPP1 voltage levels.
In a manufacturing environment, programming
may be speeded up by applying a higher VPPH lev-
el to the VPP Program/Erase Supply. This is not in-
tended for extended use. The VPPH supply may be
applied for a total of 80 hours maximum and during
program and erase for a maximum of 1000 cycles.
Stressing the device beyond these limits could
damage the device.
When VPP Program/Erase supply is at VSS all
blocks are protected from programming or erase.
Leaving VPP floating is equivalent to connecting it
to VSS due to an internal pull-down circuit.
Ground (VSS and VSSQ). The Ground VSS is the
reference for the internal supply voltage VDD.The
Ground VSSQ is the reference for the Input/Output
supply VDDQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com