Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 6Page - STMicroelectronics M58BF008 Datasheet HTML 7Page - STMicroelectronics M58BF008 Datasheet HTML 8Page - STMicroelectronics M58BF008 Datasheet HTML 9Page - STMicroelectronics M58BF008 Datasheet HTML 10Page - STMicroelectronics M58BF008 Datasheet HTML 11Page - STMicroelectronics M58BF008 Datasheet HTML 12Page - STMicroelectronics M58BF008 Datasheet HTML 13Page - STMicroelectronics M58BF008 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
M58BF008
10/36
Clear Status Register (CLRS). The Clear Status
Register instruction consists of one write cycle giv-
ing the command 50h at the address 00000h. The
Clear Status Register command clears the bits 3,
4 and 5 of the Status Register if they have been set
to ’1’ by the P/E.C. operation. The Clear Status
Register command should be given after an error
has been detected and before any new operation
is attempted. A Read Memory Array command
should also be given before data can be read from
the memory array.
Read Electronic Signature (RSIG). The
Read
Electronic Signature instruction consists of a first
write cycle giving the command 90h at the address
00000h. This is followed by three read operations
at addresses xxxx0h, xxxx1h and xxxx2h which
output the manufacturer, device and version
codes respectively.
Table 7. Instructions
Mne-
monic
Instruction
Cycles
1st Cycle
2nd Cycle
Operation
Address
Data
Operation
Address.
Data
RD
Read Memory
Array
1+
Write
00000h
FFh
Read
Read Address
Data Output
RSR
Read Status
Register
1+
Write
00000h
70h
Read
X
Status
Register
CLRS
Clear Status
Register
1
Write
00000h
50h
RSIG
Read Electronic
Signature
1+++
Write
00000h
90h
Read
Signature
Address
Electronic
Signature
EE
Erase
2
Write
00000h
20h
Write
Block Address
D0h
OBEE
Overlay Block
Erase
2
Write
00000h
02h
Write
Overlay Block
Address
0Dh
PG
Program
2
Write
00000h
40h
Write
Program
Address
Data Input
OBPG
Overlay Block
Program
2
Write
00000h
04h
Write
Overlay Block
Program
Address
Data Input
PES
Program/Erase
Suspend
1
Write
00000h
B0h
PER
Program/Erase
Resume
1
Write
00000h
D0h
ART
Asynch/Synch
Read Toggle
1
Write
00000h
60h
WBT
Wrap//No-wrap
Burst Toggle
1
Write
00000h
30h
OBT
Overlay Block
Read En/Dis
Toggle
1+
Write
00000h
06h
Read
Read Address
Data Output
Read Memory Array (RD). The Read Memory
Array instruction consists of one write cycle giving
the command FFh at the address 00000h. Subse-
quent read operations will read the addressed lo-
cation and output the memory data. The data can
be read from the Main memory Array or the Over-
lay memory block if it is enabled.
Read Status Register (RSR). The Read Status
Register instruction consists of one write cycle giv-
ing the command 70h at the address 00000h. Sub-
sequent read operations will output the Status
Register contents. See Table 8 for an explanation
of the Status Register bits. The Status Register in-
dicates when a program or Erase operation is
complete and its success or failure. The Status
Register also indicates if the Overlay block is ac-
cessible for reading. The Read Status Register in-
struction may be given at any time, including while
a program or erase operation in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com