Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 12Page - STMicroelectronics M58BF008 Datasheet HTML 13Page - STMicroelectronics M58BF008 Datasheet HTML 14Page - STMicroelectronics M58BF008 Datasheet HTML 15Page - STMicroelectronics M58BF008 Datasheet HTML 16Page - STMicroelectronics M58BF008 Datasheet HTML 17Page - STMicroelectronics M58BF008 Datasheet HTML 18Page - STMicroelectronics M58BF008 Datasheet HTML 19Page - STMicroelectronics M58BF008 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
M58BF008
16/36
Table 15. DC Characteristics
(TA = –40 to 125°C; VDD =5V ± 10% and VDDQ = 3.3V ± 0.3V)
Symbol
Parameter
Test Conditi on
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VDDQ
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤VDDQ
±10
µA
ILT1
Input Leakage Current pull-up
0V
≤ VIN ≤ VDDQ
–20
–600
µA
ILIVPP
Input Leakage Current pull-down
0
≤ VPP ≤ 12.6
200
µA
ICC
Supply Current (Async. Read)
E = VIL,G= VIL, f = 5MHz
25
mA
ICCB
Supply Current (Burst Read)
E= VIL,G = VIL, f = 40MHz
25
mA
ICC1
Supply Current (Standby)
E = VIH,RP = VIH
10
µA
ICC2
Supply Current (Power-down)
RP = VIL
10
µA
ICC3
Supply Current (Program)
Program in Progress
VPP =VPP1
25
mA
VPP =VPPH
25
mA
ICC4
Supply Current (Erase)
Erase in Progress
VPP =VPP1
25
mA
VPP =VPPH
25
mA
IPP
Program Current (Read or Standby)
VPP ≥ VPP1
200
µA
IPP1
Program Current (Read or Standby)
VPP ≤ VPP1
±15
µA
IPP2
Program Current (Power-down)
RP = VIL
5
µA
IPP3
Program Current (Program)
Program in Progress
VPP =VPP1
15
mA
VPP =VPPH
25
mA
IPP4
Program Current (Erase)
Erase in Progress
VPP =VPP1
15
mA
VPP =VPPH
25
mA
VIL
Input Low Voltage
–0.3
0.1VDDQ
V
VIH
Input High Voltage
0.9VDDQ
VDDQ
+0.3
V
VOL
Output Low Voltage
IOL = 100µA,
VDD =VDD min,
VDDQ =VDDQ min
0.2
V
VOH
Output High Voltage
IOL = –100µA,
VDD =VDD min,
VDDQ =VDDQ min
VDDQ –0.2
V
VPP1
Program Voltage
(Program or Erase operations)
4.5
5.5
V
VPPH
Program Voltage
(Program or Erase operations)
11.4
12.6
V
VLKO
VDD Supply Voltage Lock-out
1.5
V
VPPLK
Program Voltage Lock-out
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com