Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 27 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 23Page - STMicroelectronics M58BF008 Datasheet HTML 24Page - STMicroelectronics M58BF008 Datasheet HTML 25Page - STMicroelectronics M58BF008 Datasheet HTML 26Page - STMicroelectronics M58BF008 Datasheet HTML 27Page - STMicroelectronics M58BF008 Datasheet HTML 28Page - STMicroelectronics M58BF008 Datasheet HTML 29Page - STMicroelectronics M58BF008 Datasheet HTML 30Page - STMicroelectronics M58BF008 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27/36
M58BF008
Figure 13. Program Suspend & Resume Flowchart and Pseudo Code
Note: 1. PES instruction is not allowed during OBPG operation.
Write 70h
Command
AI02664
Read Status
Register
YES
NO
b7 = 1
YES
NO
b4 = 1
Program Continues
Write FFh
Command
PES instruction (note 1):
– write B0h command
(memory enters read register
state after the PES instruction)
do:
– read status register
(E or G must be toggled)
while b7 = 1
If b4 = 0, Program completed
(at this point the memory will
accept only the RD or PER instruction)
RD instruction:
– write FFh command
– one or more data reads
from another block
Write D0h
Command
PER instruction:
– write D0h command
to resume erasure
– if the program operation completed
then this is not necessary. The device
returns to Read Array as normal
(as if the Program/Erase suspend
was not issued).
Read data from
another block
Start
Write B0h
Command
Program Complete
Write FFh
Command
Read Data
YES
NO
b6 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com