Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BF008 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 13Page - STMicroelectronics M58BF008 Datasheet HTML 14Page - STMicroelectronics M58BF008 Datasheet HTML 15Page - STMicroelectronics M58BF008 Datasheet HTML 16Page - STMicroelectronics M58BF008 Datasheet HTML 17Page - STMicroelectronics M58BF008 Datasheet HTML 18Page - STMicroelectronics M58BF008 Datasheet HTML 19Page - STMicroelectronics M58BF008 Datasheet HTML 20Page - STMicroelectronics M58BF008 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17/36
M58BF008
Table 16. Asynchronous Read AC Characteristics (1)
(TA = –40 to 125°C; VDD =5V ± 10% and VDDQ = 3.3V ± 0.3V)
Note: 1. See AC Testing Measurements Conditions for timing measurements.
2. Sampled only, not 100% tested.
3. G may be delayed up to tELQV-tGLQV after falling edge of E without increasing tELQV.
Symbol
Alt
Parameter
Min
Max
Unit
tAVAV
tRC
Address Valid to Next Address Valid
100
ns
tAVQV
tACC
Address Valid to Output Valid
100
ns
tAXQX
(2)
tOH
Address Transition to Output Transition
0
ns
tEHQX
(2)
tOH
Chip Enable High to Output Transition
0
ns
tELQV
(2, 3)
tCE
Chip Enable Low to Output Valid
100
ns
tELQX
(2)
tLZ
Chip Enable Low to Output Transition
0
ns
tEXQZ
(2)
tHZ
Chip Enable High to Output Hi-Z
25
ns
tGHQX
(2)
tOH
Output Enable High to Output Transition
0
ns
tGHQZ
(2)
tDF
Output Enable High to Output Hi-Z
25
ns
tGLQV
(2)
tOE
Output Enable Low to Output Valid
30
ns
tGLQX
tOLZ
Output Enable Low to Output Transition
0
ns
Figure 6. Asynchronous Read AC Waveforms
AI03571
G
A12-A29
DQ0-DQ31
VALID
VALID
RP
E, LBA
tGLQX
tAVAV
tGLQV
tGHQZ
tGHQX
tAVQV
tELQV
tELQX
tEHQX
tEHQZ
tPHQV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com